전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC3G04DC 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74HC3G04DC
상세설명  Inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC3G04DC 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74HC3G04DC Datasheet HTML 2Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 3Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 4Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 5Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 6Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 7Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 8Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 9Page - NXP Semiconductors 74HC3G04DC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
2003 Oct 30
6
Philips Semiconductors
Product specification
Inverter
74HC3G04; 74HCT3G04
DC CHARACTERISTICS
Type 74HC3G04
At recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb =25 °C
VIH
HIGH-level input voltage
2.0
1.5
1.2
V
4.5
3.15
2.4
V
6.0
4.2
3.2
V
VIL
LOW-level input voltage
2.0
0.8
0.5
V
4.5
2.1
1.35
V
6.0
2.8
1.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −20 µA
2.0
1.9
2.0
V
IO = −20 µA
4.5
4.4
4.5
V
IO = −20 µA
6.0
5.9
6.0
V
IO = −4.0 mA
4.5
4.18
4.32
V
IO = −5.2 mA
6.0
5.68
5.81
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 µA
2.0
0
0.1
V
IO =20 µA
4.5
0
0.1
V
IO =20 µA
6.0
0
0.1
V
IO = 4.0 mA
4.5
0.15
0.26
V
IO = 5.2 mA
6.0
0.16
0.26
V
ILI
input leakage current
VI =VCC or GND
6.0
−−±0.1
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
6.0
−−
1.0
µA


유사한 부품 번호 - 74HC3G04DC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC3G04DC NXP-74HC3G04DC Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Nexperia B.V. All right...
74HC3G04DC NEXPERIA-74HC3G04DC Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HC3G04DC-Q100 NEXPERIA-74HC3G04DC-Q100 Datasheet
213Kb / 12P
   Triple inverter
74HC3G04DC-Q100 NEXPERIA-74HC3G04DC-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
More results

유사한 설명 - 74HC3G04DC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com