전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4741A 데이터시트(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

부품명 1N4741A
상세설명  1W Silicon Planar Power Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
홈페이지  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4741A 데이터시트(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N4741A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4741A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4741A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4741A Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics at Ta = 25 OC
Type
Zener Voltage Range
3)
Dynamic Resistance
1)
Reverse
Current
Maximum
Surge
Current
4)
Maximum
Regulator
Current
2)
Temperature
coefficient
at IZT
VZnom
VZT
at lZT
ZZT
ZZK
at IZK
IR
at VR
(V)
(V)
(mA)
Max.
(
Ω)
Max.
(
Ω)
(mA)
Max.
(µA)
(V)
IZSM
(mA)
IZM (mA)
%/ OC
1N4727A
3
2.85…3.15
83
10
400
1
150
1
1375
275
-0.08 to -0.05
1N4728A
3.3
3.13…3.47
76
10
400
1
150
1
1375
275
-0.08 to -0.05
1N4729A
3.6
3.42…3.78
69
10
400
1
100
1
1260
252
-0.08 to -0.05
1N4730A
3.9
3.7…4.1
64
9
400
1
100
1
1190
234
-0.07 to -0.02
1N4731A
4.3
4.08…4.52
58
9
400
1
50
1
1070
217
-0.07 to -0.01
1N4732A
4.7
4.46…4.94
53
8
500
1
10
1
970
193
-0.03 to +0.04
1N4733A
5.1
4.84…5.36
49
7
550
1
10
1
890
178
-0.01 to +0.04
1N4734A
5.6
5.32…5.88
45
5
600
1
10
2
810
162
0.10 to +0.045
1N4735A
6.2
5.89…6.51
41
2
700
1
10
3
730
146
+0.01 to +0.055
1N4736A
6.8
6.46…7.14
37
3.5
700
1
10
4
660
133
+0.015 to +0.06
1N4737A
7.5
7.12…7.88
34
4
700
0.5
10
5
605
121
+0.02 to +0.065
1N4738A
8.2
7.79…8.61
31
4.5
700
0.5
10
6
550
110
0.03 to 0.07
1N4739A
9.1
8.64…9.56
28
5
700
0.5
10
7
500
100
0.035 to 0.075
1N4740A
10
9.5…10.5
25
7
700
0.25
10
7.6
454
91
0.04 to 0.08
1N4741A
11
10.45…11.55
23
8
700
0.25
5
8.4
414
83
0.045 to 0.08
1N4742A
12
11.4…12.6
21
9
700
0.25
5
9.1
380
76
0.045 to 0.085
1N4743A
13
12.35…13.65
19
10
700
0.25
5
9.9
344
69
0.05 to 0.085
1N4744A
15
14.25…15.75
17
14
700
0.25
5
11.4
304
61
0.055 to 0.09
1N4745A
16
15.2…16.8
15.5
16
700
0.25
5
12.2
285
57
0.055 to 0.09
1N4746A
18
17.1…18.9
14
20
750
0.25
5
13.7
250
50
0.06 to 0.09
1N4747A
20
19…21
12.5
22
750
0.25
5
15.2
225
45
0.06 to 0.09
1N4748A
22
20.9…23.1
11.5
23
750
0.25
5
16.7
205
41
0.06 to 0.095
1N4749A
24
22.8…25.2
10.5
25
750
0.25
5
18.2
190
38
0.06 to 0.095
1N4750A
27
25.65…28.35
9.5
35
750
0.25
5
20.6
170
34
0.06 to 0.095
1N4751A
30
28.5…31.5
8.5
40
1000
0.25
5
22.8
150
30
0.06 to 0.095
1N4752A
33
31.35…34.65
7.5
45
1000
0.25
5
25.1
135
27
0.06 to 0.095
1N4753A
36
34.2…37.8
7
50
1000
0.25
5
27.4
125
25
0.06 to 0.095
1N4754A
39
37.05…40.95
6.5
60
1000
0.25
5
29.7
115
23
0.06 to 0.095
1N4755A
43
40.85…45.15
6
70
1500
0.25
5
32.7
110
22
0.06 to 0.095
1N4756A
47
44.65…49.35
5.5
80
1500
0.25
5
35.8
95
19
0.06 to 0.095
1N4757A
51
48.45…53.55
5
95
1500
0.25
5
38.8
90
18
0.06 to 0.095
1N4758A
56
53.2…58.8
4.5
110
2000
0.25
5
42.6
80
16
0.06 to 0.095
1N4759A
62
58.9…65.1
4
125
2000
0.25
5
47.1
70
14
0.06 to 0.095
1N4760A
68
64.6…71.4
3.7
150
2000
0.25
5
51.7
65
13
0.06 to 0.095
1N4761A
75
71.25…78.75
3.3
175
2000
0.25
5
56
60
12
0.06 to 0.095
1) The dynamic resistance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value equal to 10% of the
Zener Current (IZT or IZK) is superimposed on IZT or IZK. Dynamic resistance is measured at two points to insure a sharp knee on the
breakdown curve and to eliminate unstable units.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
3) Tested with pulses tp = 20 ms.
4) The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or
equivalent sine wave pulse of 1/120 second duration superimposed on the test current IZT.
Z ibo Seno Electronic Engineering Co., Ltd.
1N4727A-1N4761A
2 of 4
www.senocn.com
1N4727A-1N4761A
Alldatasheet


유사한 부품 번호 - 1N4741A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
1N4741A RENESAS-1N4741A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Anova Technologies CO.,...
1N4741A ANOVA-1N4741A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
NXP Semiconductors
1N4741A PHILIPS-1N4741A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4741A VISHAY-1N4741A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Shenzhen Ping Sheng Ele...
1N4741A PFS-1N4741A Datasheet
390Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
More results

유사한 설명 - 1N4741A

제조업체부품명데이터시트상세설명
logo
Zibo Seno Electronic En...
1N4727 ZSELEC-1N4727 Datasheet
202Kb / 4P
   1W Silicon Planar Power Zener Diodes
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZV85-C2V7 JINGHENG-BZV85-C2V7 Datasheet
74Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Guangdong Juxing Electr...
SMA4728A JUXING-SMA4728A Datasheet
2Mb / 3P
   1W Silicon Planar Zener Diodes
1SMAF4728A JUXING-1SMAF4728A Datasheet
572Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jing Heng Electro...
SMA4728 JINGHENG-SMA4728 Datasheet
74Kb / 2P
   1W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N4728A DAESAN-1N4728A Datasheet
314Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1N4749 TGS-1N4749 Datasheet
308Kb / 3P
   1W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com