전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74651174R 데이터시트(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 74651174R
상세설명  REDCUBE THR with external thread WP-THRSH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74651174R 데이터시트(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74651174R Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651174R Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651174R Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651174R Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651174R Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651174R Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WP-THRSH of
Würth Elektronik eiSos GmbH & Co. KG:
General:
• This electronic component is designed and developed with the intention for use in general electronics equipment.
• Before incorporating the components into any equipment in the field such as aerospace, aviation, nuclear control, submarine,
transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information
network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body,
Würth Elektronik must be asked for a written approval.
• In addition, even electronic component in general electronic equipment, when used in electrical circuits that require high safety,
reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed by the user before usage.
• The electronic component is designed and manufactured to be used within the datasheet specified values.
• Do not use the electronic component outside the datasheet specifications.
• Prevent any damage or scratches on the electronic component.
• Direct mechanical impact to the electronic component shall be prevented.
• The responsibility for the applicability of the customer specific products and use in a particular customer design is always within the
authority of the customer. All technical specification for standard products do also apply to customer specific products.
Product specific:
Soldering:
The solder profile must comply with the WE technical soldering specification, otherwise this will void the warranty. The via has to be filled
completely with solder paste before reflow soldering. Wave soldering is not applicable. Hot-air reflow is recommended. Other soldering
methods are not verified and have to be validated by the customer at his own risk.
Cleaning and washing:
REDCUBE WP-THRSH parts are not constructed for washing, so washing can cause malfunction afterwards.
Cleaning agent that are used to clean the customer applications might damage or change the characteristics of the component, body, screw
thread and pins.
Please do not submerse our washable products into water or cleaning agents or put them in locations exposed to water completely.
When cleaning by hand (brushing), please do not use excessive force on the electronic component to avoid malfunction afterwards, because
customer could deform function relevant areas.
We recommended a solution without organic acid (preserve the plating against corrosion) volatile, without residues and compatible with the
plastic.
We recommend to perform tests and to let a part in immersion in the solution 8 to 12 hours and see if there is a degradation.
Storage conditions:
REDCUBE WP-THRSH are considered MSL1 into closed original packaging and are not subject to storage time limits regarding the moisture
sensitivity but all products shall be used before the end of the period of 12 months based on the product date-code, if not a 100%
solderability can´t be warranted.
Handling:
Do not repeatedly operate the WP-THRSH with excessive force. It may damage or deforms the component, body, screw thread or pins which
results in malfunction. Violation of the technical product specifications such as exceeding the nominal rated current will result in loss of
warranty. The maximum permissible torques must be complied with to prevent mechanical destruction of the electronic component and
PCB.
In the case a product requires particular handling precautions, in addition to the general recommendations mentioned here before, these will
appear on the product datasheet.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
WlW
DIN ISO 2768-1m
DESCRIPTION
REDCUBE THR with external
thread WP-THRSH
ORDER CODE
74651174R
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
001.001
Valid
2017-03-31
eiCan
5/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 74651174R

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74651173R WURTH-74651173R Datasheet
247Kb / 4P
   REDCUBE THR Terminal with external thread WP-THRSH
001.000
74651175R WURTH-74651175R Datasheet
398Kb / 6P
   REDCUBE THR with external thread WP-THRSH
More results

유사한 설명 - 74651174R

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74651175R WURTH-74651175R Datasheet
398Kb / 6P
   REDCUBE THR with external thread WP-THRSH
74651194R WURTH-74651194R Datasheet
413Kb / 6P
   REDCUBE THR with external thread WP-THRSH
74651195R WURTH-74651195R Datasheet
252Kb / 4P
   REDCUBE THR Terminal with external thread WP-THRSH
74651173R WURTH-74651173R Datasheet
247Kb / 4P
   REDCUBE THR Terminal with external thread WP-THRSH
001.000
74650194R WURTH-74650194R Datasheet
419Kb / 6P
   REDCUBE THR with internal blindhole thread WP-THRBU
74650195R WURTH-74650195R Datasheet
419Kb / 6P
   REDCUBE THR with internal blindhole thread WP-THRBU
74650174R WURTH-74650174R Datasheet
416Kb / 6P
   REDCUBE THR with internal blindhole thread WP-THRBU
74650173R WURTH-74650173R Datasheet
416Kb / 6P
   REDCUBE THR with internal blindhole thread WP-THRBU
74650074R WURTH-74650074R Datasheet
409Kb / 5P
   REDCUBE THR with internal through-hole thread WP-THRBU
74650094R WURTH-74650094R Datasheet
378Kb / 5P
   REDCUBE THR with internal through-hole thread WP-THRBU
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com