전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G79DRY 데이터시트(PDF) 9 Page - Texas Instruments

부품명 SN74AUP1G79DRY
상세설명  SN74AUP1G79 Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G79DRY 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74AUP1G79DRY Datasheet HTML 5Page - Texas Instruments SN74AUP1G79DRY Datasheet HTML 6Page - Texas Instruments SN74AUP1G79DRY Datasheet HTML 7Page - Texas Instruments SN74AUP1G79DRY Datasheet HTML 8Page - Texas Instruments SN74AUP1G79DRY Datasheet HTML 9Page - Texas Instruments SN74AUP1G79DRY Datasheet HTML 10Page - Texas Instruments SN74AUP1G79DRY Datasheet HTML 11Page - Texas Instruments SN74AUP1G79DRY Datasheet HTML 12Page - Texas Instruments SN74AUP1G79DRY Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
9
SN74AUP1G79
www.ti.com
SCES592I – JULY 2004 – REVISED SEPTEMBER 2017
Product Folder Links: SN74AUP1G79
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
6.8 Switching Characteristics: CL = 5 pF
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
VCC = 0.8 V
TA = 25°C
93
MHz
TA = –40°C to +85°C
90
VCC = 1.2 V ± 0.1 V
TA = 25°C
199
TA = –40°C to +85°C
220
VCC = 1.5 V ± 0.1 V
TA = 25°C
250
TA = –40°C to +85°C
230
VCC = 1.8 V ± 0.15 V
TA = 25°C
271
TA = –40°C to +85°C
240
VCC = 2.5 V ± 0.2 V
TA = 25°C
280
TA = –40°C to +85°C
250
VCC = 3.3 V ± 0.3 V
TA = 25°C
280
TA = –40°C to +85°C
260
tpd
CLK
Q
VCC = 0.8 V
TA = 25°C
15.9
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
3.7
6.9
11
TA = –40°C to +85°C
2.6
13.1
VCC = 1.5 V ± 0.1 V
TA = 25°C
3
4.8
7.6
TA = –40°C to +85°C
2
8.8
VCC = 1.8 V ± 0.15 V
TA = 25°C
2.4
3.8
6.1
TA = –40°C to +85°C
1.5
7.1
VCC = 2.5 V ± 0.2 V
TA = 25°C
1.8
2.7
4.4
TA = –40°C to +85°C
1.1
5
VCC = 3.3 V ± 0.3 V
TA = 25°C
1.5
2.1
3.6
TA = –40°C to +85°C
0.9
4
6.9 Switching Characteristics: CL = 10 pF
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
VCC = 0.8 V
TA = 25°C
62
MHz
TA = –40°C to +85°C
50
VCC = 1.2 V ± 0.1 V
TA = 25°C
147
TA = –40°C to +85°C
160
VCC = 1.5 V ± 0.1 V
TA = 25°C
189
TA = –40°C to +85°C
200
VCC = 1.8 V ± 0.15 V
TA = 25°C
180
TA = –40°C to +85°C
240
VCC = 2.5 V ± 0.2 V
TA = 25°C
260
TA = –40°C to +85°C
250
VCC = 3.3 V ± 0.3 V
TA = 25°C
280
TA = –40°C to +85°C
260


유사한 부품 번호 - SN74AUP1G79DRY

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G79DRY2 TI1-SN74AUP1G79DRY2 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79DRYR TI-SN74AUP1G79DRYR Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DRYR TI-SN74AUP1G79DRYR Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DRYR TI1-SN74AUP1G79DRYR Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
More results

유사한 설명 - SN74AUP1G79DRY

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com