전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G79DBVR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G79DBVR
상세설명  SN74AUP1G79 Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G79DBVR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AUP1G79DBVR Datasheet HTML 1Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 2Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 3Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 4Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 5Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 6Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 7Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 8Page - Texas Instruments SN74AUP1G79DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
Time − ns
† AUP1G08 data at C
L = 15 pF
Output
Input
Switching Characteristics
at 25 MHz
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74AUP1G79
SCES592I – JULY 2004 – REVISED SEPTEMBER 2017
SN74AUP1G79 Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
1
1 Features
1
Available in the Texas Instruments NanoStar™
Package
Low Static-Power Consumption:
ICC = 0.9 µA Maximum
Low Dynamic-Power Consumption:
Cpd = 3 pF Typical at 3.3 V
Low Input Capacitance:
Ci = 1.5 pF Typical
Low Noise: Overshoot and Undershoot
< 10% of VCC
Ioff Supports Partial Power-Down-Mode Operation
Input Hysteresis Allows Slow Input Transition and
Better Switching Noise Immunity at the Input
(Vhys = 250 mV Typical at 3.3 V)
Wide Operating VCC Range of 0.8 V to 3.6 V
Optimized for 3.3-V Operation
3.6-V I/O Tolerant to Support Mixed-Mode Signal
Operation
tpd = 4 ns Maximum at 3.3 V
Suitable for Point-to-Point Applications
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
2 Applications
Barcode Scanner
Cable Solutions
E-Book
Embedded PC
Field Transmitter: Temperature or Pressure
Sensor
Fingerprint Biometrics
HVAC: Heating, Ventilating, and Air Conditioning
Network-Attached Storage (NAS)
Server Motherboard and PSU
Software Defined Radio (SDR)
TV: High-Definition (HDTV), LCD, and Digital
Video Communications System
Wireless Data Access Card, Headset, Keyboard,
Mouse, and LAN Card
3 Description
The AUP family is TI's premier solution to the
industry's
low-power
needs
in
battery-powered
portable applications. This family assures a very-low
static and dynamic power consumption across the
entire VCC range of 0.8 V to 3.6 V, thus resulting in an
increased battery life. The AUP devices also maintain
excellent signal integrity.
The
SN74AUP1G79
is
a
single
positive-edge-
triggered D-type flip-flop. When data at the data (D)
input meets the setup-time requirement, the data is
transferred to the Q output on the positive-going edge
of the clock pulse. Clock triggering occurs at a
voltage level and is not directly related to the rise
time of the clock pulse. Following the hold-time
interval, data at the D input can be changed without
affecting the levels at the outputs.
NanoStar™
package
technology
is
a
major
breakthrough in IC packaging concepts, using the die
as the package.
The SN74AUP1G79 device is fully specified for
partial-power-down applications using Ioff. The Ioff
circuitry disables the outputs when the device is
powered down. This inhibits current backflow into the
device which prevents damage to the device.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74AUP1G79DBV
SOT-23 (5)
2.90 mm × 1.60 mm
SN74AUP1G79DCK
SC70 (5)
2.00 mm × 1.25 mm
SN74AUP1G79DRL
SOT-5X3 (5)
1.60 mm × 1.20 mm
SN74AUP1G79DRY
SON (6)
1.45 mm × 1.00 mm
SN74AUP1G79DSF
SON (6)
1.00 mm × 1.00 mm
SN74AUP1G79DPW
X2SON (5)
0.80 mm x 0.80 mm
SN74AUP1G79YFP
DSBGA (6)
1.16 mm × 0.76 mm
SN74AUP1G79YZP
DSBGA (5)
1.39 mm × 0.89 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Power Consumption and Performance


유사한 부품 번호 - SN74AUP1G79DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G79DBVR TI-SN74AUP1G79DBVR Datasheet
266Kb / 15P
[Old version datasheet]   LOW POWER SINGLE POSITIVE EDGE TRIGGERRED D TYPE FLIP FLOP
SN74AUP1G79DBVR TI-SN74AUP1G79DBVR Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DBVR TI-SN74AUP1G79DBVR Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DBVR TI1-SN74AUP1G79DBVR Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79DBVRE4 TI-SN74AUP1G79DBVRE4 Datasheet
266Kb / 15P
[Old version datasheet]   LOW POWER SINGLE POSITIVE EDGE TRIGGERRED D TYPE FLIP FLOP
More results

유사한 설명 - SN74AUP1G79DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com