전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G79DBVRG4 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G79DBVRG4
상세설명  SN74AUP1G79 Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G79DBVRG4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74AUP1G79DBVRG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 10Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 11Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8
SN74AUP1G79
SCES592I – JULY 2004 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: SN74AUP1G79
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
(1)
TA = 25°C
6.7 Timing Requirements
over recommended operating free-air temperature range, TA = –40°C to +85°C (unless otherwise noted) (see Figure 3)
VCC
MIN
TYP(1)
MAX
UNIT
fclock
Clock frequency
0.8 V
20
MHz
1.2 V ± 0.1 V
80
1.5 V ± 0.1 V
100
1.8 V ± 0.15 V
140
2.5 V ± 0.2 V
210
3.3 V ± 0.3 V
260
tw
Pulse duration, CLK high or low
0.8 V
4.8
ns
1.2 V ± 0.1 V
2.2
1.5 V ± 0.1 V
1.5
1.8 V ± 0.15 V
1.6
2.5 V ± 0.2 V
1.7
3.3 V ± 0.3 V
1.9
tsu
Setup time before
CLK
Data high
0.8 V
4.2
2.9
ns
1.2 V ± 0.1 V
1.4
1.5 V ± 0.1 V
1
1.8 V ± 0.15 V
0.9
2.5 V ± 0.2 V
0.7
3.3 V ± 0.3 V
0.6
Data low
0.8 V
5.3
3.5
1.2 V ± 0.1 V
1.8
1.5 V ± 0.1 V
1.2
1.8 V ± 0.15 V
1.1
2.5 V ± 0.2 V
1
3.3 V ± 0.3 V
1
th
Hold time, data after CLK
0.8 V
0
0
ns
1.2 V ± 0.1 V
0
1.5 V ± 0.1 V
0
1.8 V ± 0.15 V
0
2.5 V ± 0.2 V
0
3.3 V ± 0.3 V
0


유사한 부품 번호 - SN74AUP1G79DBVRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G79DBVRG4 TI-SN74AUP1G79DBVRG4 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DBVRG4 TI-SN74AUP1G79DBVRG4 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DBVRG4 TI1-SN74AUP1G79DBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
More results

유사한 설명 - SN74AUP1G79DBVRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com