전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES1AW 데이터시트(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

부품명 ES1AW
상세설명  1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
홈페이지  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

ES1AW 데이터시트(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  ES1AW Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd ES1AW Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES1B W
50
100
150
200
300
400
500
600
V
35
70
105
140
210
280
350
420
V
4
pF
1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
30
°C/W
nS
V
Reverse Recovery Time (Note 2)
t
ES1AW – ES1JW
Characteristic
Symbol
ES1AW – ES1JW
25
A
Weight: 0.01 grams (approx.)
Case: SOD-123FL, Molded Plastic
Surge Overload Rating to 25A Peak
Ultra-Fast Recovery Time
Ideally Suited for Automatic Assembly
Low Power Loss
Classification Rating 94V-O
-65 to +150
°C
Features
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 100°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
Forward Voltage
@IF = 1.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 3)
RJL
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
1 of 2
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
SOD - 123FL
Dimensions in millimeters
Glass passivated device
!
!
ES1AW
UNITS
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
rr
1.0
1.3
1.7
35
ES1CW ES1DW ES1EW ES1GWES1HWES1JW
Alldatasheet


유사한 부품 번호 - ES1AW

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
ES1AW PANJIT-ES1AW Datasheet
103Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES1AW YFWDIODE-ES1AW Datasheet
82Kb / 3P
   Surface MountSuperfast Recovery Rectifier
logo
Xian Semipower Electron...
ES1AW SEMIPOWER-ES1AW Datasheet
132Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Yangzhou yangjie electr...
ES1AW YANGJIE-ES1AW Datasheet
212Kb / 2P
   Super Fast Rectifier
logo
Nantong Hornby Electron...
ES1AW HORNBY-ES1AW Datasheet
250Kb / 3P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
More results

유사한 설명 - ES1AW

제조업체부품명데이터시트상세설명
logo
Zibo Seno Electronic En...
ES1000FL ZSELEC-ES1000FL Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
1E1 ZSELEC-1E1 Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
logo
Won-Top Electronics
ES1A WTE-ES1A_06 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER1A WTE-ER1A_06 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ER1A ZSELEC-ER1A Datasheet
150Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES1A ZSELEC-ES1A Datasheet
139Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2AW ZSELEC-ES2AW Datasheet
107Kb / 2P
   2.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
FFM101 ZSELEC-FFM101 Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FFM101-M ZSELEC-FFM101-M Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
HFM101 ZSELEC-HFM101 Datasheet
140Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com