전자부품 데이터시트 검색엔진 |
|
LM224KAN 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
LM224KAN 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 18 page LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V, LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV QUADRUPLE OPERATIONAL AMPLIFIERS SLOS066R − SEPTEMBER 1975 − REVISED JANUARY 2005 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TA‡ LM124 LM224 LM324 LM324K UNIT PARAMETER TEST CONDITIONS† TA‡ MIN TYP § MAX MIN TYP § MAX UNIT VIO Input offset voltage VCC = 5 V to MAX, 25 °C 3 5 3 7 mV VIO Input offset voltage VCC = 5 V to MAX, VIC = VICRmin, VO = 1.4 V Full range 7 9 mV IIO Input offset current VO = 1.4 V 25 °C 2 30 2 50 nA IIO Input offset current VO = 1.4 V Full range 100 150 nA IIB Input bias current VO = 1.4 V 25 °C −20 −150 −20 −250 nA IIB Input bias current VO = 1.4 V Full range −300 −500 nA 25 °C 0 to 0 to VICR Common-mode VCC = 5 V to MAX 25 °C 0 to VCC − 1.5 0 to VCC − 1.5 V VICR Common-mode input voltage range VCC = 5 V to MAX Full range 0 to 0 to V input voltage range Full range 0 to VCC − 2 0 to VCC − 2 RL = 2 kΩ 25 °C VCC − 1.5 VCC − 1.5 VOH High-level RL = 10 kΩ 25 °C V VOH High-level output voltage VCC = MAX RL = 2 kΩ Full range 26 26 V output voltage VCC = MAX RL ≥ 10 kΩ Full range 27 28 27 28 VOL Low-level output voltage RL ≤ 10 kΩ Full range 5 20 5 20 mV AVD Large-signal differential voltage VCC = 15 V, VO = 1 V to 11 V, 25 °C 50 100 25 100 V/mV AVD differential voltage amplification VCC = 15 V, VO = 1 V to 11 V, RL ≥ 2 kΩ Full range 25 15 V/mV CMRR Common-mode rejection ratio VIC = VICRmin 25 °C 70 80 65 80 dB kSVR Supply-voltage rejection ratio 25 °C 65 100 65 100 dB kSVR rejection ratio ( ∆VCC /∆VIO) 25 °C 65 100 65 100 dB VO1/VO2 Crosstalk attenuation f = 1 kHz to 20 kHz 25 °C 120 120 dB VCC = 15 V, VID = 1 V, Source 25 °C −20 −30 −60 −20 −30 −60 VCC = 15 V, VID = 1 V, VO = 0 Source Full range −10 −10 mA IO Output current VCC = 15 V, VID = −1 V, Sink 25 °C 10 20 10 20 mA IO Output current VCC = 15 V, VID = −1 V, VO = 15 V Sink Full range 5 5 VID = −1 V, VO = 200 mV 25 °C 12 30 12 30 µA IOS Short-circuit output current VCC at 5 V, GND at −5 V VO = 0, 25 °C ±40 ±60 ±40 ±60 mA Supply current VO = 2.5 V, No load Full range 0.7 1.2 0.7 1.2 ICC Supply current (four amplifiers) VCC = MAX, VO = 0.5 VCC, No load Full range 1.4 3 1.4 3 mA † All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for testing purposes is 26 V for LM2902 and 30 V for the others. ‡ Full range is −55°C to 125°C for LM124, −25°C to 85°C for LM224, and 0°C to 70°C for LM324. § All typical values are at TA = 25°C. |
유사한 부품 번호 - LM224KAN |
|
유사한 설명 - LM224KAN |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |