전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14559BCP 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC14559BCP
상세설명  Successive Approximation Registers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14559BCP 데이터시트(HTML) 4 Page - ON Semiconductor

  MC14559BCP Datasheet HTML 1Page - ON Semiconductor MC14559BCP Datasheet HTML 2Page - ON Semiconductor MC14559BCP Datasheet HTML 3Page - ON Semiconductor MC14559BCP Datasheet HTML 4Page - ON Semiconductor MC14559BCP Datasheet HTML 5Page - ON Semiconductor MC14559BCP Datasheet HTML 6Page - ON Semiconductor MC14559BCP Datasheet HTML 7Page - ON Semiconductor MC14559BCP Datasheet HTML 8Page - ON Semiconductor MC14559BCP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14549B, MC14559B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (6.) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ
Max
Unit
Output Rise Time
tTLH = (3.0 ns/pF) CL + 30 ns
tTLH = (1.5 ns/pF) CL + 15 ns
tTLH = (1.1 ns/pF) CL + 10 ns
tTLH
5.0
10
15
180
90
65
360
180
130
ns
Output Fall Time
tTHL = (1.5 ns/pF) CL + 25 ns
tTHL = (0.75 ns/pF) CL + 12.5 ns
tTHL = (0.55 ns/pF) CL + 9.5 ns
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q
tPLH, tPHL = (1.7 ns/pF) CL + 415 ns
tPLH, tPHL = (0.66 ns/pF) CL + 177 ns
tPLH, tPHL = (0.5 ns/pF) CL + 130 ns
Clock to Sout
tPLH, tPHL = (1.7 ns/pF) CL + 665 ns
tPLH, tPHL = (0.66 ns/pF) CL + 277 ns
tPLH, tPHL = (0.5 ns/pF) CL + 195 ns
Clock to EOC
tPLH, tPHL = (1.7 ns/pF) CL + 215 ns
tPLH, tPHL = (0.66 ns/pF) CL + 97 ns
tPLH, tPHL = (0.5 ns/pF) CL + 75 ns
tPLH,
tPHL
5.0
10
15
5.0
10
15
5.0
10
15
500
210
155
750
310
220
300
130
100
1000
420
310
1500
620
440
600
260
200
ns
SC, D, FF or MR Setup Time
tsu
5.0
10
15
250
100
80
125
50
40
ns
Clock Pulse Width
tWH(cl)
5.0
10
15
700
270
200
350
135
100
ns
Pulse Width — D, SC, FF or MR
tWH
5.0
10
15
500
200
160
250
100
80
ns
Clock Rise and Fall Time
tTLH,
tTHL
5.0
10
15
15
1.0
0.5
µs
Clock Pulse Frequency
fcl
5.0
10
15
1.5
3.0
4.0
0.8
1.5
2.0
MHz
6. The formulas given are for the typical characteristics only.


유사한 부품 번호 - MC14559BCP

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14559BCP ONSEMI-MC14559BCP Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
MC14559BCPG ONSEMI-MC14559BCPG Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
More results

유사한 설명 - MC14559BCP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DM2502 TI1-DM2502_11 Datasheet
447Kb / 10P
[Old version datasheet]   Successive Approximation Registers
logo
ON Semiconductor
MC14549B ONSEMI-MC14549B_06 Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
logo
National Semiconductor ...
DM2502 NSC-DM2502 Datasheet
197Kb / 8P
   Successive Approximation Registers
logo
Motorola, Inc
MC14549B MOTOROLA-MC14549B Datasheet
212Kb / 9P
   SUCCESSIVE APPROXIMATION REGISTERS
logo
ON Semiconductor
MC14549B ONSEMI-MC14549B_14 Datasheet
117Kb / 8P
   Successive Approximation Registers
July, 2014 ??Rev. 8
logo
List of Unclassifed Man...
AM2502 ETC-AM2502 Datasheet
411Kb / 6P
   EIGHT BIT / TWELVE - BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
Hitachi Semiconductor
HD14549B HITACHI-HD14549B Datasheet
124Kb / 6P
   Successive Approximation Register
logo
List of Unclassifed Man...
AM25L04 ETC-AM25L04 Datasheet
268Kb / 8P
   LOW POWER EIGHT-BIT/TWELVE BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
National Semiconductor ...
DM54LS502 NSC-DM54LS502 Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
logo
Fairchild Semiconductor
MM74C905 FAIRCHILD-MM74C905 Datasheet
89Kb / 8P
   12-Bit Successive Approximation Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com