전자부품 데이터시트 검색엔진 |
|
AD9208 데이터시트(PDF) 7 Page - Analog Devices |
|
AD9208 데이터시트(HTML) 7 Page - Analog Devices |
7 / 137 page AD9208 Data Sheet Rev. 0 | Page 6 of 136 AC SPECIFICATIONS AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.9 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.9 V, SPIVDD = 1.9 V, specified maximum sampling rate, 1.7 V p-p full-scale differential input, default SPI settings, −10°C ≤ TJ ≤ +120°C,1 unless otherwise noted. Typical specifications represent performance at TJ = 70°C (TA = 25°C). Table 2. AIN = −2 dBFS AIN = −9 dBFS Parameter2 Min Typ Max Min Typ Max Unit NOISE DENSITY3 1.7 V p-p Setting −152 −152 dBFS/Hz 2.04 V p-p Setting −154 −154 dBFS/Hz NOISE FIGURE 24.5 24.5 dB SIGNAL-TO-NOISE RATIO (SNR) fIN = 255 MHz 60.2 60.2 dBFS fIN = 255 MHz (2.04 V p-p Setting) 61.4 61.8 dBFS fIN = 765 MHz 59.8 60.2 dBFS fIN = 900 MHz 59.5 60.2 dBFS fIN = 1800 MHz 58.7 60.0 dBFS fIN = 2100 MHz 58.2 59.8 dBFS fIN = 2600 MHz 52.1 57.2 59.5 dBFS fIN = 3950 MHz 55.1 58.6 dBFS SIGNAL-TO-NOISE-AND-DISTORTION RATIO (SINAD) fIN = 255 MHz 59.7 60.0 dBFS fIN = 255 MHz (2.04 V p-p Setting) 60.0 61.5 dBFS fIN = 765 MHz 58.8 60.0 dBFS fIN = 900 MHz 58.6 59.9 dBFS fIN = 1800 MHz 57.4 59.7 dBFS fIN = 2100 MHz 56.7 59.4 dBFS fIN = 2600 MHz 46.6 56.1 59.2 dBFS fIN = 3950 MHz 52.8 58.2 dBFS EFFECTIVE NUMBER OF BITS (ENOB) fIN = 255 MHz 9.6 9.7 Bits fIN = 765 MHz 9.5 9.7 dBFS fIN = 900 MHz 9.4 9.7 Bits fIN = 1800 MHz 9.2 9.6 Bits fIN = 2100 MHz 9.1 9.6 Bits fIN = 2600 MHz 7.5 9.0 9.5 Bits fIN = 3950 MHz 8.5 9.4 Bits SPURIOUS-FREE DYNAMIC RANGE (SFDR), SECOND OR THIRD HARMONIC fIN = 255 MHz 71 78 dBFS fIN = 255 MHz (2.04 V p-p Setting) 65 83 dBFS fIN = 765 MHz 71 79 dBFS fIN = 900 MHz 71 78 dBFS fIN = 1800 MHz 69 81 dBFS fIN = 2100 MHz 67 73 dBFS fIN = 2600 MHz 51 70 78 dBFS fIN = 3950 MHz 58 73 dBFS |
유사한 부품 번호 - AD9208 |
|
유사한 설명 - AD9208 |