전자부품 데이터시트 검색엔진 |
|
UF3D 데이터시트(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
|
UF3D 데이터시트(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
1 / 2 page Characteristic Symbol UF3A UF3B UF3D UF3G UF3J UF3K UF3M Unit Case: SMB/DO-214AA,SMC/DO-214AB, Molded Plastic Surge Overload Rating to 100A Peak Classification Rating 94V-O Ultra-Fast Recovery Time Ideally Suited for Automatic Assembly Low Power Loss -65 to +150 °C 3.0A SURFACE MOUNT ULTRAFAST DIODE 50 75 nS 35 70 140 280 420 560 800 V 50 100 200 400 600 800 1000 V 1.0 1.3 1.7 V UF3A – UF3M Features ! ! Low Forward Voltage Drop, High Efficiency ! ! ! ! Plastic Case Material has UL Flammability Mechanical Data ! ! Terminals: Solder Plated, Solderable per MIL-STD-750, Method 2026 ! Polarity: Cathode Band or Cathode Notch ! Marking: Type Number Maximum Ratings and Electrical Characteristics @T A=25°C unless otherwise specified Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR RMS Reverse Voltage VR(RMS) Average Rectified Output Current @TL = 100°C IO 3.0 A Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) IFSM 100 A Forward Voltage @IF = 3.0A VFM Peak Reverse Current @TA = 25°C At Rated DC Blocking Voltage @TA = 100°C IRM 10 500 µA Reverse Recovery Time (Note 1) trr Typical Junction Capacitance (Note 2) Cj 25 pF Typical Thermal Resistance (Note 3) RJL 30 °C/W Operating and Storage Temperature Range Tj, TSTG Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC. 3. Mounted on P.C. Board with 8.0mm2 land area. 1 of 2 UF3A – UF3M Z ibo Seno Electronic Engineering Co., Ltd. www.senocn.com SMB SMC Dim Min Max Min Max A 3.30 3.94 5.59 6.22 B 4.06 4.57 6.60 7.11 C 1.96 2.21 2.75 3.18 D 0.15 0.31 0.15 0.31 E 5.00 5.59 7.75 8.13 G 0.10 0.20 0.10 0.20 H 0.76 1.52 0.76 1.52 J 2.00 2.62 2.00 2.62 All Dimensions in mm A B C D G H E J ! ! Lead Free: For RoHS / Lead Free Version Weight: SMB Weight: 0.093 grams (approx.) SMC Weight: 0.20 grams (approx.) Alldatasheet |
유사한 부품 번호 - UF3D |
|
유사한 설명 - UF3D |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |