전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST34B 데이터시트(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

부품명 ST34B
상세설명  SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
홈페이지  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

ST34B 데이터시트(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  ST34B Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. ST34B Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ST34B THRU ST310B
Reverse Voltage - 40 to 100 Volts
Forward Current - 3.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375
”(9.5mm)lead length,P.C.B. mounted
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
ST34B
ST36B
ST310B
40
28
40
60
42
60
SYMBOLS
UNITS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
80.0
0.50
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.10
R
θJA
CJ
TJ,
TSTG
68
500
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
100
70
100
Storage temperature range
C
-55 to +150
-55 to +125
-55 to +150
20.0
10.0
0.41
0.60
0.02
V
V
V
A
A
V
0.03
60.0
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
FEATURES
Case: JEDEC DO-214AA molded plastic body
Terminals: leads solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight
MECHANICAL DATA
0.071 (1.80)
0.087 (2.20)
0.180(4.57)
0.160(4.06)
0.155(3.94)
0.130(3.30)
DO-214AA/SMB
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.200(5.08)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.44)
0.084(2.13)
:0.003 ounce, 0.093 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Metal silicon junction,majority carrier conduction
High efficiency operation
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
Ultra low forward voltage drop,low power losses
Dimensions in inches and (millimeters)
MDD Catalog Number


유사한 부품 번호 - ST34B

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
ST34B CHENDA-ST34B Datasheet
959Kb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34BF CHENDA-ST34BF Datasheet
214Kb / 2P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34BF CHENDA-ST34BF Datasheet
1Mb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34BF CHENDA-ST34BF_V01 Datasheet
1Mb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34B CHENDA-ST34B_V01 Datasheet
959Kb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
More results

유사한 설명 - ST34B

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
ST34BF CHENDA-ST34BF Datasheet
214Kb / 2P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34F CHENDA-ST34F Datasheet
203Kb / 2P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54BF CHENDA-ST54BF Datasheet
286Kb / 2P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
logo
ON Semiconductor
NRVTS5100ETFS ONSEMI-NRVTS5100ETFS Datasheet
69Kb / 5P
   Trench Surface Mount Schottky Rectifier
June, 2018 ??Rev. 0
NRVTS360ETFS ONSEMI-NRVTS360ETFS Datasheet
179Kb / 6P
   Trench Surface Mount Schottky Rectifier
February, 2019 ??Rev. 2
logo
Microdiode Electronics ...
ST54A CHENDA-ST54A_V01 Datasheet
846Kb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34C CHENDA-ST34C Datasheet
210Kb / 2P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34A CHENDA-ST34A_V01 Datasheet
841Kb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54B CHENDA-ST54B_V01 Datasheet
854Kb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34C CHENDA-ST34C_V01 Datasheet
922Kb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com