전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CB3Q3244 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CB3Q3244
상세설명  8 BIT FET BUS SWITCH 2.5V/3.3 V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3244 데이터시트(HTML) 4 Page - Texas Instruments

  SN74CB3Q3244 Datasheet HTML 1Page - Texas Instruments SN74CB3Q3244 Datasheet HTML 2Page - Texas Instruments SN74CB3Q3244 Datasheet HTML 3Page - Texas Instruments SN74CB3Q3244 Datasheet HTML 4Page - Texas Instruments SN74CB3Q3244 Datasheet HTML 5Page - Texas Instruments SN74CB3Q3244 Datasheet HTML 6Page - Texas Instruments SN74CB3Q3244 Datasheet HTML 7Page - Texas Instruments SN74CB3Q3244 Datasheet HTML 8Page - Texas Instruments SN74CB3Q3244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN74CB3Q3244
8BIT FET BUS SWITCH
2.5V/3.3V LOW VOLTAGE HIGHBANDWIDTH BUS SWITCH
SCDS154B − OCTOBER 2003 − REVISED DECEMBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Control input voltage range, VIN (see Notes 1 and 2)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Switch I/O voltage range, VI/O (see Notes 1, 2, and 3)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Control input clamp current, IIK (VIN < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O port clamp current, II/OK (VI/O < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ON-state switch current, II/O (see Note 4)
±64 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND terminals
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 5): DB package
70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 5): DBQ package
68
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 5): DGV package
92
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 5): DW package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 5): GQN package
78
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 5): PW package
83
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 6): RGY package
37
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to ground unless otherwise specified.
2. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
3. VI and VO are used to denote specific conditions for VI/O.
4. II and IO are used to denote specific conditions for II/O.
5. The package thermal impedance is calculated in accordance with JESD 51-7.
6. The package thermal impedance is calculated in accordance with JESD 51-5.
recommended operating conditions (see Note 7)
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
VIH
High-level control input voltage
VCC = 2.3 V to 2.7 V
1.7
5.5
V
VIH
High-level control input voltage
VCC = 2.7 V to 3.6 V
2
5.5
V
VIL
Low-level control input voltage
VCC = 2.3 V to 2.7 V
0
0.7
V
VIL
Low-level control input voltage
VCC = 2.7 V to 3.6 V
0
0.8
V
VI/O
Data input/output voltage
0
5.5
V
TA
Operating free-air temperature
−40
85
°C
NOTE 7: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


유사한 부품 번호 - SN74CB3Q3244

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CB3Q3244 TI1-SN74CB3Q3244 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3244DBQR TI1-SN74CB3Q3244DBQR Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3244DBR TI1-SN74CB3Q3244DBR Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3244DGVR TI1-SN74CB3Q3244DGVR Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3244DW TI1-SN74CB3Q3244DW Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

유사한 설명 - SN74CB3Q3244

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CB3Q3244 TI1-SN74CB3Q3244_15 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_05 Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI1-SN74CB3Q3345_15 Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI-SN74CB3Q3345_05 Datasheet
687Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_10 Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI-SN74CB3Q3345 Datasheet
225Kb / 11P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_1 Datasheet
429Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244_09 Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244 Datasheet
181Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_2 Datasheet
428Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com