전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB1060CT 데이터시트(PDF) 2 Page - Chip Integration Technology Corporation

부품명 SB1060CT
상세설명  10A High Power Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CITC [Chip Integration Technology Corporation]
홈페이지  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SB1060CT 데이터시트(HTML) 2 Page - Chip Integration Technology Corporation

  SB1060CT Datasheet HTML 1Page - Chip Integration Technology Corporation SB1060CT Datasheet HTML 2Page - Chip Integration Technology Corporation SB1060CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
10A High Power Schottky Barrier Rectifiers
Fig. 3 - Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
0
0.2
0.4
0.6
0.8
1.0
100
10
1.0
0.1
Percent of Rated Peak Reverse Voltage ( %)
Fig. 4 - Reverse Characteristics
T =25° C
J
T =75° C
J
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
T =100° C
J
SB1040CT
SB1060CT
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
O
Lead Temperature ( C)
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
12
10
8.0
6.0
4.0
2.0
RESISTIVE OR INDUCTIVE LOAD
single phase half wave 60Hz
resistive or inductive load
1
10
100
150
125
100
75
50
25
0
SB1040CT THRU SB1065CT
Document ID : DS-11K68
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C2


유사한 부품 번호 - SB1060CT

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SB1060CT PANJIT-SB1060CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
SUNMATE electronic Co.,...
SB1060CT SUNMATE-SB1060CT Datasheet
565Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1060CT WTE-SB1060CT Datasheet
40Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1060CT WTE-SB1060CT Datasheet
50Kb / 4P
   10A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1060CT PANJIT-SB1060CT Datasheet
427Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SB1060CT

제조업체부품명데이터시트상세설명
logo
Chip Integration Techno...
MBR10100CT-J CITC-MBR10100CT-J Datasheet
96Kb / 3P
   10A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGMBR1040FCT LUGUANG-LGMBR1040FCT Datasheet
901Kb / 2P
   10A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SBF1040CT CITC-SBF1040CT Datasheet
97Kb / 3P
   10A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGMBR10100CT-J LUGUANG-LGMBR10100CT-J Datasheet
1Mb / 2P
   10A High Power Schottky Barrier Rectifiers
LGSB1040FCT LUGUANG-LGSB1040FCT Datasheet
1Mb / 2P
   10A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
MBRF1040CT CITC-MBRF1040CT Datasheet
100Kb / 3P
   10A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGSB1040CT LUGUANG-LGSB1040CT Datasheet
686Kb / 2P
   10A High Power Schottky Barrier Rectifiers
LGMBR10150CT-J LUGUANG-LGMBR10150CT-J Datasheet
1Mb / 2P
   10A High Power Schottky Barrier Rectifiers
LGMBR10200CT-J LUGUANG-LGMBR10200CT-J Datasheet
1Mb / 2P
   10A High Power Schottky Barrier Rectifiers
LGMBR1040BCT LUGUANG-LGMBR1040BCT Datasheet
957Kb / 3P
   10A Surface Mount High Power Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com