전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EC733339 데이터시트(PDF) 5 Page - E-CMOS Corporation

부품명 EC733339
상세설명  -30V, -4.1A P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-CMOS [E-CMOS Corporation]
홈페이지  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC733339 데이터시트(HTML) 5 Page - E-CMOS Corporation

  EC733339 Datasheet HTML 1Page - E-CMOS Corporation EC733339 Datasheet HTML 2Page - E-CMOS Corporation EC733339 Datasheet HTML 3Page - E-CMOS Corporation EC733339 Datasheet HTML 4Page - E-CMOS Corporation EC733339 Datasheet HTML 5Page - E-CMOS Corporation EC733339 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EC733339
-30V、
、-4.1A P-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 6
4K27N-Rev.F001
Ordering and Marking Information
EC733339 B1 X
B1=
=SOT23 3L
R:
:Tape & Reel


유사한 부품 번호 - EC733339

제조업체부품명데이터시트상세설명
logo
E-CMOS Corporation
EC733338 E-CMOS-EC733338 Datasheet
480Kb / 4P
   N-Channel MOSFET
EC733338B1R E-CMOS-EC733338B1R Datasheet
480Kb / 4P
   N-Channel MOSFET
More results

유사한 설명 - EC733339

제조업체부품명데이터시트상세설명
logo
KIA Semiconductor Techn...
3407 KIA-3407 Datasheet
114Kb / 5P
   -4.1A竊?30V P-CHANNEL MOSFET
logo
Will Semiconductor Ltd.
WPM3005 WILLSEMI-WPM3005 Datasheet
1Mb / 7P
   Single P-Channel, -30V, -4.1A, Power MOSFET
logo
SeCoS Halbleitertechnol...
SMG2343 SECOS-SMG2343 Datasheet
1Mb / 4P
   -4.1A , -30V , RDS(ON) 45 m P-Channel Enhancement Mode MOSFET
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com