전자부품 데이터시트 검색엔진 |
|
74LVC1G79GV 데이터시트(PDF) 3 Page - NXP Semiconductors |
|
74LVC1G79GV 데이터시트(HTML) 3 Page - NXP Semiconductors |
3 / 18 page 2004 Sep 10 3 Philips Semiconductors Product specification Single D-type flip-flop; positive-edge trigger 74LVC1G79 FUNCTION TABLE See note 1. Note 1. H = HIGH voltage level; L = LOW voltage level; ↑ = LOW-to-HIGH CP transition; X = don’t care; q = lower case letter indicates the state of referenced input, one set-up time prior to the LOW-to-HIGH CP transition. ORDERING INFORMATION PINNING INPUT OUTPUT CP D Q ↑ LL ↑ HH LXq TYPE NUMBER PACKAGE TEMPERATURE RANGE PINS PACKAGE MATERIAL CODE MARKING 74LVC1G79GW −40 °C to +125 °C 5 SC-88A plastic SOT353 VP 74LVC1G79GV −40 °C to +125 °C 5 SC-74A plastic SOT753 V79 74LVC1G79GM −40 °C to +125 °C 6 XSON6 plastic SOT886 VP PIN SC-88A; SC-74A PIN XSON6 SYMBOL DESCRIPTION 1 1 D data input D 2 2 CP clock pulse input CP 3 3 GND ground (0 V) 4 4 Q data output Q - 5 n.c. not connected 56 VCC supply voltage |
유사한 부품 번호 - 74LVC1G79GV |
|
유사한 설명 - 74LVC1G79GV |