전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RBOX630 데이터시트(PDF) 2 Page - Axiomtek Co., Ltd.

부품명 RBOX630
상세설명  Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXIOMTEK [Axiomtek Co., Ltd.]
홈페이지  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

RBOX630 데이터시트(HTML) 2 Page - Axiomtek Co., Ltd.

  RBOX630_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. RBOX630_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
368
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
10
11
1
0
Hardware Specifications
Ordering Information
Dimensions
System I/O Outlet
Wireless
1 x Mini card socket (supports USB
interface) with 1 x SIM Socket by outside
access and is easy plug/pull.
1 x Mini card socket (supports USB&PCIE
interface) with 1 x SIM Socket by inside
Watchdog Timer
WDT 1: one step is 1 sec, 255 levels
LEDs
System
Power, Alarm, Ready/Active, COM
(TX, RX), Wireless
Alarm
DC PWR1 or PWR2
Storage
1 x eMMC 4 GB onboard (for boot disk)
Supports 1 x SDHC Card (easy-to-access, for store only.)
Installation
DIN-rail, wall mount
Power Supply
Power Input
2 power paths with terminal block
Power Input Range 12-48 VDC
Power Input Rating 12-48 VDC, 0.74-0.23A
Power Protection
DC Version:
OVP (Over voltage protection)
UVP (Under voltage protection)
Reverse protection
Operating Temperature
-40°C ~ +70°C (-40°F ~ +158°F)
Humidity
10% ~ 95%
Vibration Endurance
5G @ 10-150Hz, amplitude 0.35ms
Weight (net/gross)
0.9 kg (2 lb)/1.3kg (2.87 lb)
Dimensions
55 mm (2.16") (W) x 155 mm (6.10") (D) x 110 mm (4.33") (H)
OS Linux
Linux
Host OS/ Development OS : Ubuntu 12.04 Yocto Dora LTS
Toolchain/ Cross compiler : Freescale Yocto
Kernel : 3.0.35 (with Freescale and Axiomtek hardware
modified patch)
Certificate
FCC Part 18
Heavy Industrial CE
Standard
rBOX630-FL-DC
Robust DIN-rail fanless embedded system with Q7-RISC
module (i.MX 6), 4 COM, 2 CAN and DIO
(-40°C ~ +70°C)
Optional
Wall mount kit
Wireless (3G/GPS or Wi-Fi) module


유사한 부품 번호 - RBOX630_17

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
RBOX630 AXIOMTEK-RBOX630 Datasheet
354Kb / 2P
   1 GB DDR3 SDRAM onboard
More results

유사한 설명 - RBOX630_17

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
IFB112 AXIOMTEK-IFB112 Datasheet
304Kb / 2P
   Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor
IRU151 AXIOMTEK-IRU151 Datasheet
337Kb / 2P
   Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor
IFB122 AXIOMTEK-IFB122_17 Datasheet
274Kb / 2P
   Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor 2 COM
RBOX610 AXIOMTEK-RBOX610_17 Datasheet
365Kb / 2P
   Robust RISC-based DIN-rail Fanless Embedded System with iMX-287 Processor
ICO300 AXIOMTEK-ICO300_17 Datasheet
345Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor
ICO310 AXIOMTEK-ICO310_17 Datasheet
300Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor
RBOX120-2COM AXIOMTEK-RBOX120-2COM_17 Datasheet
575Kb / 2P
   Robust Din-rail Fanless Embedded System
RBOX310-4COM AXIOMTEK-RBOX310-4COM Datasheet
714Kb / 2P
   Robust Din-rail Fanless Embedded System
RBOX120-2COM AXIOMTEK-RBOX120-2COM Datasheet
581Kb / 2P
   Robust Din-rail Fanless Embedded System
ICO300-83B AXIOMTEK-ICO300-83B Datasheet
311Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com