전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCD-016N002D 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 LCD-016N002D
상세설명  16 x 2 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-016N002D 데이터시트(HTML) 2 Page - Vishay Siliconix

  LCD-016N002D Datasheet HTML 1Page - Vishay Siliconix LCD-016N002D Datasheet HTML 2Page - Vishay Siliconix LCD-016N002D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: displays@vishay.com
Document Number: 37297
2
Revision: 29-Oct-08
LCD-016N002D
Vishay
16 x 2 Character LCD
DISPLAY CHARACTER ADDRESS CODE
Display Position
12
345678
9
10
11
12
13
14
15
16
DD RAM Address
000102
030405060708
09
0A
0B
0C
0D
0E
0F
DD RAM Address
404142
434445464748
49
4A
4B
4C
4D
4E
4F
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1VDD
Power supply (+ 5 V)
2VSS
Ground
3V0
Contrast adjustment
4
RS
H/L register select signal
5R/W
H/L read/write signal
6E
H
→ L enable signal
7
DB0
H/L data bus line
8
DB1
H/L data bus line
9
DB2
H/L data bus line
10
DB3
H/L data bus line
11
DB4
H/L data bus line
12
DB5
H/L data bus line
13
DB6
H/L data bus line
14
DB7
H/L data bus line
DIMENSIONS in millimeters
1.6
H2
H1 Max.
3.55
2.95
0.6
0.55
Dot Size
0.6
2.0
14 x Ø 1.0 PTH
14 x Ø 1.8 PAD
Pin Detail
2.54
LED - H/L B/L
H1
H2
13.2
8.6
12.1
7.5
High
Low
1.6
9.7 Max.
5.1
EL or NO B/L
85.0 ± 0.5
71.2
66.0 (VA)
56.2 (AA)
7.65
10.25
15.15
A
K
81.0
45.0
2.0
2
1
14
13
4 x Ø 2.5 PTH
4 x Ø 5.0 PAD


유사한 부품 번호 - LCD-016N002D

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-016N002D VISHAY-LCD-016N002D Datasheet
73Kb / 3P
   16 x 2 Character LCD
01-Jan-2022
LCD-016N002D VISHAY-LCD-016N002D Datasheet
73Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016N002D VISHAY-LCD-016N002D_V01 Datasheet
73Kb / 3P
   16 x 2 Character LCD
01-Jan-2022
LCD-016N002D VISHAY-LCD-016N002D_V02 Datasheet
73Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
More results

유사한 설명 - LCD-016N002D

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-016N002J VISHAY-LCD-016N002J Datasheet
72Kb / 3P
   16 x 2 Character LCD
Revision: 22-Jun-17
LCD-016N002L1 VISHAY-LCD-016N002L1 Datasheet
77Kb / 3P
   16 x 2 Character LCD
Revision: 02-Oct-12
LCD-016N002M VISHAY-LCD-016N002M Datasheet
84Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002S VISHAY-LCD-016N002S Datasheet
68Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002T VISHAY-LCD-016N002T Datasheet
70Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002O VISHAY-LCD-016N002O_V01 Datasheet
75Kb / 3P
   16 x 2 Character LCD
01-Jan-2022
LCD-016N002L1 VISHAY-LCD-016N002L1_V02 Datasheet
66Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016N002C VISHAY-LCD-016N002C_V02 Datasheet
75Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016M002C VISHAY-LCD-016M002C Datasheet
116Kb / 3P
   16 x 2 Character LCD
Revision 01-Oct-02
LCD-016M002M VISHAY-LCD-016M002M Datasheet
117Kb / 3P
   16 x 2 Character LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com