전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCD-020N004D 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 LCD-020N004D
상세설명  20 x 4 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-020N004D 데이터시트(HTML) 2 Page - Vishay Siliconix

  LCD-020N004D Datasheet HTML 1Page - Vishay Siliconix LCD-020N004D Datasheet HTML 2Page - Vishay Siliconix LCD-020N004D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LCD-020N004D
www.vishay.com
Vishay
Revision: 09-Oct-12
2
Document Number: 37313
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DISPLAY CHARACTER ADDRESS CODE
Display Position
123456789
10
11
12
13
14
15
16
17
18
19
20
DD RAM Address
00010203040506070809
0A
0B
0C
0D
0E
0F
10
11
12
13
DD RAM Address
40414243444546474849
4A
4B
4C
4D
4E
4F
50
51
52
53
DD RAM Address
141516171819
1A
1B
1C
1D
1E
1F
20
21
22
23
24
25
26
27
DD RAM Address
545556575859
5A
5B
5C
5D
5E
5F
60
61
62
63
64
65
66
67
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1
VSS
Ground
2
VDD
+ 3 V or + 5 V
3
V0
Contrast adjustment
4
RS
H/L register select signal
5
R/W
H/L read/write signal
6E
H
 L enable signal
7
DB0
H/L data bus line
8
DB1
H/L data bus line
9
DB2
H/L data bus line
10
DB3
H/L data bus line
11
DB4
H/L data bus line
12
DB5
H/L data bus line
13
DB6
H/L data bus line
14
DB7
H/L data bus line
15
A
Power supply for LED (4.2 V)
16
K
Power supply for B/L (0 V)
DIMENSIONS in millimeters
2.78
2.3
0.47
0.42
Dot Size
Model Height
H1
H2
11.9
7.8
9.1
5.0
LED
NO
H2
H1 Max.
1.6
77.0 ± 0.5
16 x Ø 1.0
70.0
3.5
38.1 (P2.54 x 15)
10.0
55.1 (AA)
60.0 (VA)
38.5
Chamfer
1.5 x 4
4 x Ø 4.0
A
K
3.55
116
1.8


유사한 부품 번호 - LCD-020N004D

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-020N004D VISHAY-LCD-020N004D Datasheet
72Kb / 3P
   20 x 4 Character LCD
01-Jan-2022
LCD-020N004D VISHAY-LCD-020N004D Datasheet
73Kb / 3P
   20 x 4 Character LCD
01-Jan-2023
LCD-020N004D VISHAY-LCD-020N004D_V01 Datasheet
72Kb / 3P
   20 x 4 Character LCD
01-Jan-2022
LCD-020N004D VISHAY-LCD-020N004D_V02 Datasheet
73Kb / 3P
   20 x 4 Character LCD
01-Jan-2023
More results

유사한 설명 - LCD-020N004D

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-020N004A VISHAY-LCD-020N004A Datasheet
73Kb / 3P
   20 x 4 Character LCD
Revision: 09-Oct-12
LCD-020N004D VISHAY-LCD-020N004D_V01 Datasheet
72Kb / 3P
   20 x 4 Character LCD
01-Jan-2022
LCD-020M004D VISHAY-LCD-020M004D Datasheet
116Kb / 3P
   20 x 4 Character LCD
Revision 01-Oct-02
LCD-020N004L VISHAY-LCD-020N004L Datasheet
76Kb / 3P
   20 x 4 Character LCD
Revision: 09-Oct-12
LCD-020N004A VISHAY-LCD-020N004A_V01 Datasheet
71Kb / 3P
   20 x 4 Character LCD
01-Jan-2022
LCD-020N004D VISHAY-LCD-020N004D_V02 Datasheet
73Kb / 3P
   20 x 4 Character LCD
01-Jan-2023
LCD-020N004B VISHAY-LCD-020N004B_V02 Datasheet
71Kb / 3P
   20 x 4 Character LCD
01-Jan-2023
LCD-020M004L VISHAY-LCD-020M004L Datasheet
118Kb / 3P
   20 x 4 Character LCD
Revision 01-Oct-02
LCD-020M004B VISHAY-LCD-020M004B Datasheet
115Kb / 3P
   20 x 4 Character LCD
Revision 01-Oct-02
LCD-020N004L VISHAY-LCD-020N004L_V02 Datasheet
74Kb / 3P
   20 x 4 Character LCD
01-Jan-2023
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com