전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX60650 데이터시트(PDF) 1 Page - Axiomtek Co., Ltd.

부품명 AX60650
상세설명  Embedded MicroBox for Mini-ITX SBC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXIOMTEK [Axiomtek Co., Ltd.]
홈페이지  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX60650 데이터시트(HTML) 1 Page - Axiomtek Co., Ltd.

  AX60650 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
413
* All specifications and photos are subject to change without notice.
Applications
Packing List
Ordering Information
Dimensions
Embedded PC controller
Compact industrial PC
POS
Digital Signage
1 x AC power cord
Standard
AX60650
Embedded MicroBox for Mini-ITX SBC
SBC Options
MANO500/MANO881/MANO882/MANO873
Specifications
Standard Color
Black
Construction
Heavy-duty cold-rolled steel
Indicator
1 x HDD activity
1 x Power status
Front Panel I/O
1 x Power Button
Rear Panel I/O
1 x Standard Mini-ITX I/O bracket space
3 x COM (optional)
Expansion Interface
N/A
Drive Capacity
1 x 2.5" HDD
Cooling
N/A
Power Supply
150W PSU
Dimensions
202 mm (D) x 320 mm (W) x 73 mm (H)
Environment
EMI pre-scan meets EN 55022 Class A
Rear view
Front view
Flexible I/O module design
AX60650
Embedded MicroBox for Mini-ITX SBC
Designed for Mini-ITX SBC
One 2.5” HDD supported
3 COM supported (optional)
Cost-effective design
Features
NEW


유사한 부품 번호 - AX60650

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
AX60630 AXIOMTEK-AX60630 Datasheet
250Kb / 1P
   Embedded MicroBox for Low Power Mini-ITX SBC
More results

유사한 설명 - AX60650

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
EM60323 AXIOMTEK-EM60323_17 Datasheet
209Kb / 1P
   Embedded MicroBox for Mini-ITX SBC
EM60320I AXIOMTEK-EM60320I_17 Datasheet
178Kb / 1P
   Embedded MicroBox for Mini-ITX SBC
EM60320I AXIOMTEK-EM60320I_16 Datasheet
182Kb / 1P
   Embedded MicroBox for Mini ITX SBC
EM60323 AXIOMTEK-EM60323_16 Datasheet
210Kb / 1P
   Embedded MicroBox for Mini ITX SBC
AX60630 AXIOMTEK-AX60630 Datasheet
250Kb / 1P
   Embedded MicroBox for Low Power Mini-ITX SBC
EM60323 AXIOMTEK-EM60323 Datasheet
189Kb / 1P
   Designed for Mini ITX SBC
EM60320I AXIOMTEK-EM60320I Datasheet
177Kb / 1P
   Designed for Mini ITX SBC
logo
AAEON Technology
EMB-H61A AAEON-EMB-H61A_15 Datasheet
432Kb / 2P
   Mini-ITX Embedded Motherboard
logo
Adlink Technology Inc.
AMITX-RZ-G ADLINK-AMITX-RZ-G Datasheet
602Kb / 3P
   Mini-ITX Embedded Board
logo
AAEON Technology
EMB-CV1 AAEON-EMB-CV1 Datasheet
331Kb / 2P
   Mini-ITX Embedded Motherboard
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com