전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7920AKS-500RL7 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7920AKS-500RL7
상세설명  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7920AKS-500RL7 데이터시트(HTML) 4 Page - Analog Devices

  AD7920AKS-500RL7 Datasheet HTML 1Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 2Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 3Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 4Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 5Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 6Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 7Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 8Page - Analog Devices AD7920AKS-500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. B
–4–
AD7910/AD7920
AD7910/AD7920
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK
2
10
kHz min
3
5
MHz max
tCONVERT
14
tSCLK
AD7910
16
tSCLK
AD7920
tQUIET
50
ns minMinimum Quiet Time Required between Bus Relinquish and
Start of Next Conversion
t1
10
ns min
Minimum
CS Pulse Width
t2
10
ns min
CS to SCLK Setup Time
t3
4
22
ns max
Delay from
CS until SDATA Three-State Disabled
t4
4
40
ns max
Data Access Time after SCLK Falling Edge
t5
0.4
tSCLK
ns min
SCLK Low Pulse Width
t6
0.4
tSCLK
ns min
SCLK High Pulse Width
t7
5
SCLK to Data Valid Hold Time
10
ns min
VDD
£ 3.3 V
9.5
ns min
3.3 V < VDD
£ 3.6 V
7
ns min
VDD > 3.6 V
t8
6
36
ns max
SCLK Falling Edge to SDATA Three-State
See Note 7
ns min
SCLK Falling Edge to SDATA Three-State
tPOWER-UP
8
1
ms max
Power-Up Time from Full Power-Down
NOTES
1Guaranteed by characterization. All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of 1.6 V.
2Mark/Space ratio for the SCLK input is 40/60 to 60/40.
3Minimum f
SCLK at which specifications are guaranteed.
4Measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 1.8 V when V
DD = 2.35 V and 0.8 V or 2.0 V for VDD > 2.35 V.
5Measured with a 50 pF load capacitor.
6t
8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t8, quoted in the Timing Characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
7t
7 values apply to t8 minimum values also.
8See Power-Up Time section.
Specifications subject to change without notice.
AD7920–SPECIFICATIONS1 (continued)
Parameter
A Grade
1, 2
B Grade
1, 2
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
2.35/5.25
2.35/5.25
V min/max
IDD
Digital I/Ps = 0 V or VDD
Normal Mode (Static)
2.5
2.5
mA typ
VDD = 4.75 V to 5.25 V, SCLK On or Off
1.2
1.2
mA typ
VDD = 2.35 V to 3.6 V, SCLK On or Off
Normal Mode (Operational)
3
3
mA max
VDD = 4.75 V to 5.25 V, fSAMPLE = 250 kSPS
1.4
1.4
mA max
VDD = 2.35 V to 3.6 V, fSAMPLE = 250 kSPS
Full Power-Down Mode
1
1
mA max
Typically 50 nA
Power Dissipation
7
Normal Mode (Operational)
15
15
mW max
VDD = 5 V, fSAMPLE = 250 kSPS
4.2
4.2
mW max
VDD = 3 V, fSAMPLE = 250 kSPS
Full Power-Down
5
5
mW max
VDD = 5 V
33
mW max
VDD = 3 V
NOTES
1Temperature range from –40
∞C to +85∞C.
2Operational from V
DD = 2.0 V, with input low voltage (VINL) 0.35 V max.
3See Terminology section.
4B Grade, maximum specs apply as typical figures when V
DD = 4.75 V to 5.25 V.
5SC70 values guaranteed by characterization.
6Guaranteed by characterization.
7See Power vs. Throughput Rate section.
Specifications subject to change without notice.
TIMING SPECIFICATIONS1 (V
DD = 2.35 V to 5.25 V, TA = TMIN to TMAX, unless otherwise noted.)


유사한 부품 번호 - AD7920AKS-500RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7920AKS-500RL7 AD-AD7920AKS-500RL7 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
More results

유사한 설명 - AD7920AKS-500RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7476A AD-AD7476A Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com