전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCD-128H064K 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 LCD-128H064K
상세설명  128 x 64 Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-128H064K 데이터시트(HTML) 2 Page - Vishay Siliconix

  LCD-128H064K Datasheet HTML 1Page - Vishay Siliconix LCD-128H064K Datasheet HTML 2Page - Vishay Siliconix LCD-128H064K Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: displays@vishay.com
Document Number: 37338
2
Revision: 16-Mar-09
LCD-128H064K
Vishay
128 x 64 Graphic LCD
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1VSS
Ground
2VDD
Power supply for logic
3V0
Operating voltage LCD driving
4
D/I
Date/instruction
5R/W
H/L read/write signal
6E
H
→ L enable signal
7
DB0
Data bus line
8
DB1
Data bus line
9
DB2
Data bus line
10
DB3
Data bus line
11
DB4
Data bus line
12
DB5
Data bus line
13
DB6
Data bus line
14
DB7
Data bus line
15
CS1
H
→ Chip 1 enable
16
CS2
H
→ Chip 2 enable
17
RES
Reset
18
VOUT
Negative voltage output
19
A
Power supply for B/L
20
K
Power supply for B/L
DIMENSIONS in millimeters
0.52
0.48
Dot Size
108.0
2.5
A
K
6 x Ø 1.0 PTH
4 x Ø 3.1 PTH
4 x Ø 7.0 PAD
1.5
20 19
21
113.0 ± 0.5
72.0 (VA)
20.5
80.0
17.0
66.52 (AA)
23.24
LED B/L
1.6
9.0
13.6 Max.


유사한 부품 번호 - LCD-128H064K

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-128H064K VISHAY-LCD-128H064K Datasheet
72Kb / 3P
   128 x 64 Graphic LCDs
01-Jan-2022
LCD-128H064K VISHAY-LCD-128H064K Datasheet
72Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
LCD-128H064K VISHAY-LCD-128H064K_V01 Datasheet
72Kb / 3P
   128 x 64 Graphic LCDs
01-Jan-2022
LCD-128H064K VISHAY-LCD-128H064K_V02 Datasheet
72Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
More results

유사한 설명 - LCD-128H064K

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-128H064E VISHAY-LCD-128H064E_V02 Datasheet
71Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
LCD-128H064M VISHAY-LCD-128H064M_V02 Datasheet
73Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
LCD-128H064D VISHAY-LCD-128H064D Datasheet
68Kb / 3P
   128 x 64 Graphic LCD
Revision: 14-Apr-14
LCD-128H064C VISHAY-LCD-128H064C_V02 Datasheet
67Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
LCD-128H064D VISHAY-LCD-128H064D_V02 Datasheet
66Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
LCD-128H064A VISHAY-LCD-128H064A Datasheet
74Kb / 3P
   128 x 64 Graphic LCD
Revision: 16-Mar-09
LCD-128H064C VISHAY-LCD-128H064C Datasheet
70Kb / 3P
   128 x 64 Graphic LCD
Revision: 23-Jun-17
LCD-128H064B VISHAY-LCD-128H064B_V02 Datasheet
66Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
LCD-128H064I VISHAY-LCD-128H064I_V01 Datasheet
64Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2022
LCD-128H064M VISHAY-LCD-128H064M_V01 Datasheet
72Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2022
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com