전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC556BZL1 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 BC556BZL1
상세설명  Amplifier Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC556BZL1 데이터시트(HTML) 3 Page - ON Semiconductor

  BC556BZL1 Datasheet HTML 1Page - ON Semiconductor BC556BZL1 Datasheet HTML 2Page - ON Semiconductor BC556BZL1 Datasheet HTML 3Page - ON Semiconductor BC556BZL1 Datasheet HTML 4Page - ON Semiconductor BC556BZL1 Datasheet HTML 5Page - ON Semiconductor BC556BZL1 Datasheet HTML 6Page - ON Semiconductor BC556BZL1 Datasheet HTML 7Page - ON Semiconductor BC556BZL1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BC556B, BC557, A, B, C, BC558B, C
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = –10 µAdc, VCE = –5.0 V)
A Series Device
B Series Devices
C Series Devices
(IC = –2.0 mAdc, VCE = –5.0 V)
BC557
A Series Device
B Series Devices
C Series Devices
(IC = –100 mAdc, VCE = –5.0 V)
A Series Device
B Series Devices
C Series Devices
hFE
120
120
180
420
90
150
270
170
290
500
120
180
300
800
220
460
800
Collector–Emitter Saturation Voltage
(IC = –10 mAdc, IB = –0.5 mAdc)
(IC = –10 mAdc, IB = see Note 1)
(IC = –100 mAdc, IB = –5.0 mAdc)
VCE(sat)
–0.075
–0.3
–0.25
–0.3
–0.6
–0.65
V
Base–Emitter Saturation Voltage
(IC = –10 mAdc, IB = –0.5 mAdc)
(IC = –100 mAdc, IB = –5.0 mAdc)
VBE(sat)
–0.7
–1.0
V
Base–Emitter On Voltage
(IC = –2.0 mAdc, VCE = –5.0 Vdc)
(IC = –10 mAdc, VCE = –5.0 Vdc)
VBE(on)
–0.55
–0.62
–0.7
–0.7
–0.82
V
SMALL–SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product
(IC = –10 mA, VCE = –5.0 V, f = 100 MHz)
BC556
BC557
BC558
fT
280
320
360
MHz
Output Capacitance
(VCB = –10 V, IC = 0, f = 1.0 MHz)
Cob
3.0
6.0
pF
Noise Figure
(IC = –0.2 mAdc, VCE = –5.0 V,
BC556
RS = 2.0 kW, f = 1.0 kHz, ∆f = 200 Hz)
BC557
BC558
NF
2.0
2.0
2.0
10
10
10
dB
Small–Signal Current Gain
(IC = –2.0 mAdc, VCE = 5.0 V, f = 1.0 kHz)
BC557
A Series Device
B Series Devices
C Series Devices
hfe
125
125
240
450
900
260
500
900
Note 1: IC = –10 mAdc on the constant base current characteristics, which yields the point IC = –11 mAdc, VCE = –1.0 V.


유사한 부품 번호 - BC556BZL1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC556BZL1 ONSEMI-BC556BZL1 Datasheet
77Kb / 7P
   Amplifier Transistors PNP Silicon
September, 2005 ??Rev. 2
BC556BZL1G ONSEMI-BC556BZL1G Datasheet
77Kb / 7P
   Amplifier Transistors PNP Silicon
September, 2005 ??Rev. 2
BC556BZL1G ONSEMI-BC556BZL1G Datasheet
87Kb / 7P
   Amplifier Transistors
March, 2007 ??Rev. 3
More results

유사한 설명 - BC556BZL1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com