전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC558CRL1 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 BC558CRL1
상세설명  Amplifier Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC558CRL1 데이터시트(HTML) 1 Page - ON Semiconductor

  BC558CRL1 Datasheet HTML 1Page - ON Semiconductor BC558CRL1 Datasheet HTML 2Page - ON Semiconductor BC558CRL1 Datasheet HTML 3Page - ON Semiconductor BC558CRL1 Datasheet HTML 4Page - ON Semiconductor BC558CRL1 Datasheet HTML 5Page - ON Semiconductor BC558CRL1 Datasheet HTML 6Page - ON Semiconductor BC558CRL1 Datasheet HTML 7Page - ON Semiconductor BC558CRL1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
June, 2000 – Rev. 1
1
Publication Order Number:
BC556/D
BC556B, BC557, A, B, C,
BC558B, C
Amplifier Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BC556
BC557
BC558
VCEO
–65
–45
–30
Vdc
Collector-Base Voltage
BC556
BC557
BC558
VCBO
–80
–50
–30
Vdc
Emitter-Base Voltage
VEBO
–5.0
Vdc
Collector Current – Continuous
Collector Current – Peak
IC
ICM
–100
–200
mAdc
Base Current – Peak
IBM
–200
mAdc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to
+150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction to Ambient
R
θJA
200
°C/W
Thermal Resistance,
Junction to Case
R
θJC
83.3
°C/W
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
BC556B
TO–92
CASE 29
TO–92
STYLE 17
5000 Units/Box
3
2
1
BC556BRL1
TO–92
2000/Tape & Reel
COLLECTOR
1
2
BASE
3
EMITTER
BC556BZL1
TO–92
2000/Ammo Pack
BC557
TO–92
5000 Units/Box
BC557AZL1
TO–92
2000/Ammo Pack
BC557B
TO–92
5000 Units/Box
BC557BRL1
TO–92
2000/Tape & Reel
BC557BZL1
TO–92
2000/Ammo Pack
BC557C
TO–92
5000 Units/Box
BC557CZL1
TO–92
2000/Ammo Pack
BC558B
TO–92
5000 Units/Box
BC558BRL1
TO–92
2000/Tape & Reel
BC558BZL1
TO–92
2000/Ammo Pack
BC558C
TO–92
5000 Units/Box
BC558CRL1
TO–92
2000/Tape & Reel
BC558ZL1
TO–92
2000/Ammo Pack
BC558CZL1
TO–92
2000/Ammo Pack
BC558BRL
TO–92
2000/Tape & Reel
BC557ZL1
TO–92
2000/Ammo Pack
BC557A
TO–92
5000 Units/Box


유사한 부품 번호 - BC558CRL1

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC558C SIEMENS-BC558C Datasheet
213Kb / 6P
   PNP SILICON TRANSISTORS
logo
Diotec Semiconductor
BC558C DIOTEC-BC558C Datasheet
144Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Weitron Technology
BC558C WEITRON-BC558C Datasheet
2Mb / 5P
   PNP General Purpose Transistor
logo
ON Semiconductor
BC558C ONSEMI-BC558C Datasheet
77Kb / 7P
   Amplifier Transistors PNP Silicon
September, 2005 ??Rev. 2
logo
SeCoS Halbleitertechnol...
BC558C SECOS-BC558C Datasheet
313Kb / 3P
   Elektronische Bauelemente
More results

유사한 설명 - BC558CRL1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com