전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCD-240H064J 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 LCD-240H064J
상세설명  240 x 64 Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-240H064J 데이터시트(HTML) 2 Page - Vishay Siliconix

  LCD-240H064J Datasheet HTML 1Page - Vishay Siliconix LCD-240H064J Datasheet HTML 2Page - Vishay Siliconix LCD-240H064J Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LCD-240H064J
www.vishay.com
Vishay
Revision: 07-Nov-12
2
Document Number: 37373
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1
FG
Frame ground
2VSS
Ground
3VDD
Power supply
4V0
Contrast adjustment
5/WR
L: Data write
6/RD
L: Data read
7CE
Enable signal
8C/D
WR = L, C/D = H: Command write, C/D = L: Data write
RD = L, C/D = H: Status read, C/D = L: Data read
9
NC
No connection
10
RESET
H: Normal/L: Initialize T6963C
11
DB0
Data bus line
12
DB1
Data bus line
13
DB2
Data bus line
14
DB3
Data bus line
15
DB4
Data bus line
16
DB5
Data bus line
17
DB6
Data bus line
18
DB7
Data bus line
19
FS
Pins for selection of font: H: 6 x 8, L: 8 x 8
20
VOUT
Contrast adjustment
21
SLA
Power supply for B/L (+)
22
SLK
Power supply for B/L (-)
DIMENSIONS in millimeters
0.53
0.48
Dot Size
LED B/L
(Edge)
1.6
12.8 Max.
8.2
LED B/L
(Array)
1.6
14.1 Max.
9.5
22 x Ø 1.0 PTH
22 x Ø 1.8 PAD
21
1
22
2
A
K
3.0
4 x Ø 1.0 PTH
4 x Ø 3.0 PTH
9.0
180.0 ± 0.5
132.6 (VA)
23.7
176.0
2.0
153.6 (Frame)
13.2
127.15 (AA)
26.425
2.54
4.13


유사한 부품 번호 - LCD-240H064J

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-240H064J VISHAY-LCD-240H064J Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2022
LCD-240H064J VISHAY-LCD-240H064J Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2023
LCD-240H064J VISHAY-LCD-240H064J_V01 Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2022
LCD-240H064J VISHAY-LCD-240H064J_V02 Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2023
More results

유사한 설명 - LCD-240H064J

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-240H064C VISHAY-LCD-240H064C Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
Revision: 23-Jun-17
LCD-240H064A VISHAY-LCD-240H064A_V02 Datasheet
67Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2023
LCD-240H064A VISHAY-LCD-240H064A Datasheet
64Kb / 3P
   240 x 64 Graphic LCD
Revision: 07-Nov-12
LCD-240H064C VISHAY-LCD-240H064C_V02 Datasheet
69Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2023
LCD-240H064J VISHAY-LCD-240H064J_V02 Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2023
LCD-240H064C VISHAY-LCD-240H064C_V01 Datasheet
69Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2022
LCD-240H064J VISHAY-LCD-240H064J_V01 Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2022
LCD-240G064A VISHAY-LCD-240G064A Datasheet
112Kb / 3P
   240 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G064B VISHAY-LCD-240G064B Datasheet
114Kb / 3P
   240 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G064C VISHAY-LCD-240G064C Datasheet
113Kb / 3P
   240 x 64 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com