전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9230-11 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD9230-11
상세설명  11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9230-11 데이터시트(HTML) 5 Page - Analog Devices

  AD9230-11_17 Datasheet HTML 1Page - Analog Devices AD9230-11_17 Datasheet HTML 2Page - Analog Devices AD9230-11_17 Datasheet HTML 3Page - Analog Devices AD9230-11_17 Datasheet HTML 4Page - Analog Devices AD9230-11_17 Datasheet HTML 5Page - Analog Devices AD9230-11_17 Datasheet HTML 6Page - Analog Devices AD9230-11_17 Datasheet HTML 7Page - Analog Devices AD9230-11_17 Datasheet HTML 8Page - Analog Devices AD9230-11_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD9230-11
Rev. 0 | Page 4 of 28
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, DCS enabled, unless otherwise noted.1
Table 2.
Parameter2
Temp
Min
Typ
Max
Unit
SNR
fIN = 10 MHz
25°C
62.4
62.9
dB
Full
62.2
dB
fIN = 70 MHz
25°C
62.2
62.5
dB
Full
62.0
dB
fIN = 170 MHz
25°C
61.8
dB
SINAD
fIN = 10 MHz
25°C
62.3
62.8
dB
Full
62.1
dB
fIN = 70 MHz
25°C
62.0
62.3
dB
Full
61.8
dB
fIN = 170 MHz
25°C
61.5
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
10.3
Bits
fIN = 70 MHz
25°C
10.2
Bits
fIN = 170 MHz
25°C
10.1
Bits
WORST HARMONIC (SECOND OR THIRD)
fIN = 10 MHz
25°C
−86
−77
dBc
Full
−77
dBc
fIN = 70 MHz
25°C
−79
−77
dBc
Full
−76
dBc
fIN = 170 MHz
25°C
−76
dBc
WORST OTHER (SFDR EXCLUDING SECOND AND THIRD)
fIN = 10 MHz
25°C
−88
−84
dBc
Full
−79
dBc
fIN = 70 MHz
25°C
−84
−82
dBc
Full
−81
dBc
fIN = 170 MHz
25°C
−82
dBc
ANALOG INPUT BANDWIDTH
25°C
700
MHz
1 All ac specifications tested by driving CLK+ and CLK− differentially.
2 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and an explanation of how these tests were
completed.


유사한 부품 번호 - AD9230-11_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9230-11 AD-AD9230-11 Datasheet
755Kb / 28P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results

유사한 설명 - AD9230-11_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9230-11 AD-AD9230-11 Datasheet
755Kb / 28P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
   11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
AD9254 AD-AD9254_15 Datasheet
1Mb / 40P
   14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
   12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com