전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9211-300EBZ 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD9211-300EBZ
상세설명  1.8 V Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9211-300EBZ 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD9211-300EBZ Datasheet HTML 4Page - Analog Devices AD9211-300EBZ Datasheet HTML 5Page - Analog Devices AD9211-300EBZ Datasheet HTML 6Page - Analog Devices AD9211-300EBZ Datasheet HTML 7Page - Analog Devices AD9211-300EBZ Datasheet HTML 8Page - Analog Devices AD9211-300EBZ Datasheet HTML 9Page - Analog Devices AD9211-300EBZ Datasheet HTML 10Page - Analog Devices AD9211-300EBZ Datasheet HTML 11Page - Analog Devices AD9211-300EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AD9211
Rev. 0 | Page 7 of 28
TIMING DIAGRAMS
N – 1
N
N + 2
N + 3
N + 4
N + 5
N + 1
CLK+
N – 7
N – 6
N – 5
N – 4
N – 3
CLK–
DCO+
DCO–
Dx+
Dx–
VIN
tA
tCH
tCL
1/
fS
tCPD
tSKEW
tPD
Figure 2. Single Data Rate Mode
N – 1
N
N + 2
N + 3
N + 4
N + 5
N + 1
CLK+
CLK–
DCO+
DCO–
D5
N – 8
D0
N – 7
D5
N – 7
D0
N – 6
D5
N – 6
D0
N – 5
D5
N – 5
D0
N – 4
D5
N – 4
D0
N – 3
D0/D5+
D0/D5–
D9
N – 8
D4
N – 7
D9
N – 7
D4
N – 6
D9
N – 6
D4
N – 5
D9
N – 5
D4
N – 4
D9
N – 4
D4
N – 3
D4/D9+
D4/D9–
VIN
tA
tCH
tCL
1/
fS
tCPD
tSKEW
tPD
5 MSBs
5 LSBs
Figure 3. Double Data Rate Mode


유사한 부품 번호 - AD9211-300EBZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9211-300EBZ AD-AD9211-300EBZ Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results

유사한 설명 - AD9211-300EBZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com