전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G07YZPR 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G07YZPR
상세설명  LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G07YZPR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G07YZPR Datasheet HTML 2Page - Texas Instruments SN74AUP1G07YZPR Datasheet HTML 3Page - Texas Instruments SN74AUP1G07YZPR Datasheet HTML 4Page - Texas Instruments SN74AUP1G07YZPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G07YZPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G07YZPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G07YZPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G07YZPR Datasheet HTML 9Page - Texas Instruments SN74AUP1G07YZPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
1 M
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Output
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf = 3 ns.
C. The outputs are measured one at a time, with one transition per measurement.
D. tPLH and tPHL are the same as tpd.
E. All parameters and waveforms are not applicable to all devices.
VM
VM
VM
VM
VM
5, 10, 15, 30 pF
VCC/2
VCC
VCC = 1.2 V
± 0.1 V
VCC = 0.8 V
VCC = 1.5 V
± 0.1 V
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
CL
VM
VI
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
th
tsu
Data Input
Timing Input
VCC
0 V
VCC
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
SN74AUP1G07
LOW-POWER SINGLE BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUTS
SCES591A – JULY 2004 – REVISED JULY 2005
(Propagation Delays, Setup and Hold Times, and Pulse Duration)
Figure 3. Load Circuit and Voltage Waveforms
6


유사한 부품 번호 - SN74AUP1G07YZPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G07YZPR TI-SN74AUP1G07YZPR Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07YZPR TI1-SN74AUP1G07YZPR Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Buffer/Driver With Open-Drain Outputs
More results

유사한 설명 - SN74AUP1G07YZPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G07 TI1-SN74AUP1G07_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Buffer/Driver With Open-Drain Outputs
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06 Datasheet
183Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI-SN74AUP1G06_10 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G07 TI-SN74AUP3G07 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G07 TI1-SN74AUP2G07 Datasheet
908Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com