전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM317 데이터시트(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 LM317
상세설명  Voltage Regulator in a TO-220 Plastic Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

LM317 데이터시트(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  LM317 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. LM317 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. LM317 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. LM317 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. LM317 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. LM317 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. LM317 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LM317
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 7
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Input - Output Voltage Difference
Vi-o
40
V
Output Current
IO
Internally
Limited
A
Operating Junction Temperature Range
TJ
0~125
Power Dissipation
Ptot
Internally
Limited
W
Storage temperature range
Tstg
-55~150

参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Line regulation
Vo
Vi-Vo=3to40V
TJ=25℃
0.01
0.04
%/V
Vi-Vo=3to40V
0.02
0.07
%/V
Load Regulation
Vo
Vo≤5V
Io=10mAtoIMAX
TJ=25℃
5
25
mV
Vo≤5V
Io=10mAtoIMAX
20
70
mV
Vo≥5V
Io=10mAtoIMAX
TJ=25℃
0.1
0.5
%
Vo≥5V
Io=10mAtoIMAX
0.3
1.5
%
Adjustable Pin Current
IADJ
50
100
μA
Adjustable Pin Current
Change
IADJ
Vi-Vo=2.5to40V
Io=10mAtoIMAX
0.2
5
μA
Reference Voltage
VREF
Vi-Vo=2.5to40V
Io=10mAtoIMAX
PD≤PMAX
1.2
1.25
1.3
V
Line Regulation
VO
VO
1
%
Minimum Load Current for
Regulation
Io(min)
Vi-Vo=40V
3.5
10
mA
Maximum Output Current
IO(max)
Vi-Vo≤15V
PD<PMAX
1.5
2.2
A
Vi-Vo=40V
PD<PMAX
TJ=25℃
0.4
A
RMS Noise vs. %of VOUT
eN
B=10Hzto10KHz TJ=25℃
0.003
%
Ripple Rejection
SVR
TJ=25℃
f=120Hz
CADJ=0
CADJ=10μF
65
dB
66
80
dB
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


유사한 부품 번호 - LM317

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317 TGS-LM317 Datasheet
157Kb / 3P
   3-Terminal Positive Adjustable Regulator
logo
List of Unclassifed Man...
LM317 ETC2-LM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
More results

유사한 설명 - LM317

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
7809 FOSHAN-7809 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7810 FOSHAN-7810 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7805 FOSHAN-7805 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7808 FOSHAN-7808 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7812 FOSHAN-7812 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7905 FOSHAN-7905 Datasheet
928Kb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7815 FOSHAN-7815 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
L7805 FOSHAN-L7805 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
7806 FOSHAN-7806 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220 Plastic Package
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
   Triac in a TO-220 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com