전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9229ABCPZRL7-50 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD9229ABCPZRL7-50
상세설명  Serial, LVDS, 3 V A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9229ABCPZRL7-50 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD9229ABCPZRL7-50 Datasheet HTML 2Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 3Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 4Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 5Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 6Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 7Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 8Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 9Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
AD9229
Rev. B | Page 5 of 40
DIGITAL SPECIFICATIONS
AVDD = 3.0 V, DRVDD = 3.0 V, maximum conversion rate, 2 V p-p differential input, 1.0 V internal reference, AIN = –0.5 dBFS, unless
otherwise noted.
Table 3.
AD9229-50
AD9229-65
Parameter
Temperature
Test
Level
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT
Logic Compliance
TTL/CMOS
TTL/CMOS
High Level Input Voltage
Full
IV
2.0
2.0
V
Low Level Input Voltage
Full
IV
0.8
0.8
V
High Level Input Current
Full
VI
0.5
±10
0.5
±10
μA
Low Level Input Current
Full
VI
0.5
±10
0.5
±10
μA
Input Capacitance
25°C
V
2
2
pF
LOGIC INPUTS (PDWN)
Logic 1 Voltage
Full
IV
2.0
2.0
V
Logic 0 Voltage
Full
IV
0.8
0.8
V
High Level Input Current
Full
IV
0.5
±10
0.5
±10
μA
Low Level Input Current
Full
IV
0.5
±10
0.5
±10
μA
Input Capacitance
25°C
V
2
2
pF
DIGITAL OUTPUTS (D+, D–)
Logic Compliance
LVDS
LVDS
Differential Output Voltage
Full
VI
260
440
260
440
mV
Output Offset Voltage
Full
VI
1.15
1.25
1.35
1.15
1.25
1.35
V
Output Coding
Full
VI
Offset
binary
Offset
binary


유사한 부품 번호 - AD9229ABCPZRL7-50

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9229ABCPZRL7-50 AD-AD9229ABCPZRL7-50 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
More results

유사한 설명 - AD9229ABCPZRL7-50

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9289 AD-AD9289_17 Datasheet
917Kb / 33P
   Serial LVDS 3 V A/D Converter
AD9228 AD-AD9228_17 Datasheet
1Mb / 57P
   Serial LVDS 1.8 V A/D Converter
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9259 AD-AD9259 Datasheet
1Mb / 52P
   Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9287 AD-AD9287 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
logo
Texas Instruments
ADC14DS080 TI1-ADC14DS080 Datasheet
1Mb / 36P
[Old version datasheet]   80 MSPS A/D Converter with Serial LVDS Outputs
logo
Analog Devices
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com