전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9289 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD9289
상세설명  Serial LVDS 3 V A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9289 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD9289 Datasheet HTML 7Page - Analog Devices AD9289 Datasheet HTML 8Page - Analog Devices AD9289 Datasheet HTML 9Page - Analog Devices AD9289 Datasheet HTML 10Page - Analog Devices AD9289 Datasheet HTML 11Page - Analog Devices AD9289 Datasheet HTML 12Page - Analog Devices AD9289 Datasheet HTML 13Page - Analog Devices AD9289 Datasheet HTML 14Page - Analog Devices AD9289 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD9289
Rev. 0 | Page 10 of 32
2V p-p, SNR (dB)
2V p-p, SFDR (dBc)
1V p-p, SNR (dB)
1V p-p, SFDR (dBc)
70dB REFERENCE LINE
ANALOG INPUT LEVEL (dBFS)
75
60
40
30
50
20
10
0
–40
–35
–25
–30
–10
–15
–20
–5
0
Figure 15. SNR/SFDR vs. Analog Input Level, fSAMPLE = 65 MSPS,
fIN = 2.4 MHz
2V p-p, SNR (dB)
2V p-p, SFDR (dBc)
1V p-p, SNR (dB)
1V p-p, SFDR (dBc)
70dB REFERENCE LINE
ANALOG INPUT LEVEL (dBFS)
75
60
40
30
50
20
10
0
–40
–35
–25
–30
–10
–15
–20
–5
0
Figure 16. SNR/SFDR vs. Analog Input Level, fSAMPLE = 65 MSPS,
fIN = 10.3 MHz
2V p-p, SNR (dB)
2V p-p, SFDR (dBc)
1V p-p, SNR (dB)
1V p-p, SFDR (dBc)
70dB REFERENCE LINE
ANALOG INPUT LEVEL (dBFS)
75
60
40
30
50
20
10
0
–40
–35
–25
–30
–10
–15
–20
–5
0
Figure 17. SNR/SFDR vs. Analog Input Level, fSAMPLE = 65 MSPS,
fIN = 35 MHz
SFDR (dBc)
SNR (dB)
FREQUENCY (MHz)
75
70
60
55
65
50
45
0.1
1
10
100
Figure 18. SNR/SFDR vs. fIN, fSAMPLE = 65 MHz
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
0.0
4.1
12.2
8.1
20.3
16.3
24.4
28.4
32.5
AIN1 AND AIN2 = –7.0dBFS
SFDR = 69.9dBc
IMD2 = 74.9dBc
IMD3 = 72.9dBc
Figure 19. Two-Tone 32k FFT with fIN1 = 15 MHz and fIN2 = 16 MHz,
fSAMPLE = 65 MSPS
SFDR (dBc)
70dB REFERENCE LINE
ANALOG INPUT LEVEL (dBFS)
80
70
40
50
30
60
20
10
0
–40
–35
–25
–30
–10
–15
–20
–5
0
Figure 20. Two-Tone SFDR vs. Analog Input Level with fIN1 = 15 MHz and
fIN2 = 16 MHz, fSAMPLE = 65 MSPS


유사한 부품 번호 - AD9289

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
AD9289-65EB1 AD-AD9289-65EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9289BBC-65 AD-AD9289BBC-65 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
AD9289BBC-65EB AD-AD9289BBC-65EB Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
More results

유사한 설명 - AD9289

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9229 AD-AD9229_17 Datasheet
785Kb / 41P
   Serial, LVDS, 3 V A/D Converter
AD9228 AD-AD9228_17 Datasheet
1Mb / 57P
   Serial LVDS 1.8 V A/D Converter
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9259 AD-AD9259 Datasheet
1Mb / 52P
   Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9287 AD-AD9287 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
logo
Texas Instruments
ADC14DS080 TI1-ADC14DS080 Datasheet
1Mb / 36P
[Old version datasheet]   80 MSPS A/D Converter with Serial LVDS Outputs
logo
Analog Devices
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com