전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IDT70V3579S 데이터시트(PDF) 1 Page - Integrated Device Technology

부품명 IDT70V3579S
상세설명  HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V3579S 데이터시트(HTML) 1 Page - Integrated Device Technology

  IDT70V3579S Datasheet HTML 1Page - Integrated Device Technology IDT70V3579S Datasheet HTML 2Page - Integrated Device Technology IDT70V3579S Datasheet HTML 3Page - Integrated Device Technology IDT70V3579S Datasheet HTML 4Page - Integrated Device Technology IDT70V3579S Datasheet HTML 5Page - Integrated Device Technology IDT70V3579S Datasheet HTML 6Page - Integrated Device Technology IDT70V3579S Datasheet HTML 7Page - Integrated Device Technology IDT70V3579S Datasheet HTML 8Page - Integrated Device Technology IDT70V3579S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2001 Integrated Device Technology, Inc.
JULY 2001
DSC 4830/13
1
Functional Block Diagram
Features:
x
True Dual-Port memory cells which allow simultaneous
access of the same memory location
x
High-speed clock to data access
– Commercial: 4.2/5/6ns (max.)
– Industrial: 5/6ns (max)
x
Pipelined output mode
x
Counter enable and reset features
x
Dual chip enables allow for depth expansion without
additional logic
x
Full synchronous operation on both ports
– 7.5ns cycle time, 133MHz operation (9.6 Gbps bandwidth)
– Fast 4.2ns clock to data out
– 1.8ns setup to clock and 0.7ns hold on all control, data, and
address inputs @ 133MHz
– Data input, address, byte enable and control registers
– Self-timed write allows fast cycle time
x
Separate byte controls for multiplexed bus and bus
matching compatibility
x
LVTTL- compatible, single 3.3V (±150mV) power supply for
core
x
LVTTL compatible, selectable 3.3V (±150mV)/2.5V (±125mV)
power supply for I/Os and control signals on each port
x
Industrial temperature range (-40°C to +85°C) is
available for selected speeds
x
Available in a 208-pin Plastic Quad Flatpack (PQFP) and
208-pin fine pitch Ball Grid Array, and 256-pin Ball Grid
Array
HIGH-SPEED 3.3V 32K x 36
SYNCHRONOUS PIPELINED
DUAL-PORT STATIC RAM
WITH 3.3V OR 2.5V INTERFACE
IDT70V3579S
CNTRSTR
Counter/
Address
Reg.
A14R
A0R
Counter/
Address
Reg.
CNTENR
ADSR
CNTENL
ADSL
CNTRSTL
Dout0-8_L
Dout9-17_L
Dout18-26_L
Dout27-35_L
Dout0-8_R
Dout9-17_R
Dout18-26_R
Dout27-35_R
B
W
0
L
B
W
1
L
B
W
2
L
B
W
3
L
B
W
3
R
B
W
2
R
B
W
1
R
B
W
0
R
I/O0L-I/O35L
A14L
A0L
I/O0R -I/O35R
Din_L
ADDR_L
Din_R
ADDR_R
OER
OEL
4830 tbl 01
BE3L
BE2L
BE1L
BE0L
R/WL
CE0L
BE3R
BE2R
BE1R
BE0R
R/WR
CE0R
CE1R
CE1L
32K x 36
MEMORY
ARRAY
CLKR
CLKL
,


유사한 부품 번호 - IDT70V3579S

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT70V3579S IDT-IDT70V3579S Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_18 Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

유사한 설명 - IDT70V3579S

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
70V3579 RENESAS-70V3579 Datasheet
506Kb / 18P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70V3379S IDT-IDT70V3379S Datasheet
186Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V3379 RENESAS-70V3379 Datasheet
466Kb / 18P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JULY 2019
70V3569 RENESAS-70V3569 Datasheet
481Kb / 18P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70V3569 IDT-IDT70V3569 Datasheet
187Kb / 16P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3389 RENESAS-70V3389 Datasheet
466Kb / 18P
   HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JULY 2019
logo
Integrated Device Techn...
IDT70V3389S IDT-IDT70V3389S Datasheet
176Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3539M IDT-IDT70T3539M Datasheet
421Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3509M IDT-IDT70T3509M Datasheet
259Kb / 23P
   HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com