전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IR2130 데이터시트(PDF) 22 Page - International Rectifier

부품명 IR2130
상세설명  3-PHASE BRIDGE DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IR2130 데이터시트(HTML) 22 Page - International Rectifier

Back Button IR2130 Datasheet HTML 18Page - International Rectifier IR2130 Datasheet HTML 19Page - International Rectifier IR2130 Datasheet HTML 20Page - International Rectifier IR2130 Datasheet HTML 21Page - International Rectifier IR2130 Datasheet HTML 22Page - International Rectifier IR2130 Datasheet HTML 23Page - International Rectifier IR2130 Datasheet HTML 24Page - International Rectifier IR2130 Datasheet HTML 25Page - International Rectifier IR2130 Datasheet HTML 26Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
IR2130/IR2132(J)(S) & (PbF)
22
www.irf.com
Figure 53. IR2130/IR2132 TJ vs. Frequency (IRF840)
RGATE = 15Ω
Ω, VCC = 15V
Figure 54. IR2130/IR2132 TJ vs. Frequency (IRF450)
RGATE = 10Ω
Ω, VCC = 15V
20
40
60
80
100
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
20
40
60
80
100
120
140
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
Figure 51. IR2130/IR2132 TJ vs. Frequency (IRF820)
RGATE = 33Ω
Ω, VCC = 15V
Figure 52. IR2130/IR2132 TJ vs. Frequency (IRF830)
RGATE = 20Ω
Ω, VCC = 15V
20
25
30
35
40
45
50
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
20
25
30
35
40
45
50
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
Figure 50. Maximum VS Negative Offset vs. VBS Supply Voltage
-15.0
-12.0
-9.0
-6.0
-3.0
0.0
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Typ.


유사한 부품 번호 - IR2130

제조업체부품명데이터시트상세설명
logo
International Rectifier
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR2130 INFINEON-IR2130 Datasheet
306Kb / 26P
   3-PHASE BRIDGE DRIVER
Data Sheet No. PD60019 Rev.P
logo
International Rectifier
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2130D IRF-IR2130D Datasheet
170Kb / 21P
   3-PHASE DRIVER
More results

유사한 설명 - IR2130

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com