|
| NTE1866 |
|
||
|
NTE |
|
2 page
Electrical Characteristics: (TA = +25°C, VCC = 12V, f = 1kHz unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Power Supply Voltage VCC 5.5 12.0 16.0 V Quiescent Current IQ – 7 12 mA Display Range Range 1 VC1 –16 –13 –9 dB Range 2 VC2 –9 –7 –4 dB Range 3 VC3 – 0 – dB Range 4 VC4 +7 +10 +12 dB Range 5 VC5 +13 +17 +19 dB Input Voltage VIN 21 47 62 mVrms LED Current ILED 11.0 15.0 18.5 mA Input Current IIN – 0.3 1.0 µA VCC Pin Connection Diagram (Front View) D2 D4 D1 D3 D5 Amp Output Input 1 9 8 7 6 5 GND 4 3 2 1 .870 (22.0) .110 (2.8) .235 (6.0) .195 (5.0) .012 (0.30) .100 (2.54) .800 (20.32) 19 |
|
관련 부품명 |
| 부품명 | 상세내용 | Html View | 제조사 |
| BA6124 | LED level meter driver 5-point VU scale | 1 2 3 | Rohm |
| BA6144 | LED level meter driver 5-point VU scale | 1 2 3 | Rohm |
| BA6154 | LED level meter driver 5-point VU scale | 1 2 3 | Rohm |
| BA6820F | LED level meter driver 12-point x 2 channel VU scale bar display | 1 2 3 4 5 More | Rohm |
| BA682A | LED level meter driver 12-point VU scale dot or bar display | 1 2 3 4 5 | Rohm |
| NTE1519 | Integrated Circuit 10-Step LED Driver Circuit for Linear Scale | 1 2 | NTE Electronics |
| BA6146 | Fluorescent display tube level meter driver 12-point VU scale bar display | 1 2 3 4 | Rohm |
| BA6800AF | Fluorescent display tube level meter driver 16-point x 2 channel VU scale bar display | 1 2 3 4 5 More | Rohm |
| BA6800AS | Fluorescent display tube level meter driver 16-point x 2 channel VU scale bar display | 1 2 3 4 5 More | Rohm |
| BA6803S | Fluorescent display tube level meter driver 16-point x 2 channel VU scale bar display | 1 2 3 4 5 More | Rohm |
링크 URL |
Alldatasheet 제휴사 |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인 정보 보호 정책 | 즐겨찾기 | 링크교환 | 제조사별 검색 All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |