전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM3V3BD 데이터시트(PDF) 1 Page - FutureWafer Tech Co.,Ltd

부품명 FM3V3BD
상세설명  Small Package ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
홈페이지  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FM3V3BD 데이터시트(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FM3V3BD Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FM3V3BD Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FM3V3BD Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FM3V3BD Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FM3V3BD
Small Package ESD Protection
Applications
Lan equipment
Video
DVI
High Speed Data Line
Ethernet
USB 2.0 Power and Data line Protection
Feature
With TVS Diode
ESD Protection: Level 4
Low clamping voltage
100 Watts peak pulse power per line (tp=8/20uS)
Ultra low capacitance:6pf max. (any I/O to GND.)
Protection one line I/O port
DFN1006-2L
IEC Compatibility
EN61000-4
61000-4-2(ESD):Level 4,Contact: ±8kv, Air: ±15kv
61000-4-4(EFT):40A-5/50ns
61000-4-5(Surge):4A-8/20us
Mechanical Characteristics
Molded JEDEC DFN1006 package
Packging:Tape and Reel
Flammability rating UL 94V-0
Halgen Free
Device Characteristics
Maximum Ratings@25 unless otherwise specified
Parameter
Symbol
Value
Units
Peak pulse power (tp=8/20us)
PPP
90
Watts
Operating Temperature
TJ
-55~150
°
C
Storage Temperature
TSTG
-55~150
°
C
E1509F2A-STD-FW-014
Futurewafer Technology Co., Ltd


유사한 부품 번호 - FM3V3BD

제조업체부품명데이터시트상세설명
logo
FutureWafer Tech Co.,Lt...
FM3V3BD-15PF FUTUREWAFER-FM3V3BD-15PF Datasheet
603Kb / 4P
   Small Package ESD Protection
More results

유사한 설명 - FM3V3BD

제조업체부품명데이터시트상세설명
logo
FutureWafer Tech Co.,Lt...
FMESD05C FUTUREWAFER-FMESD05C Datasheet
650Kb / 5P
   Small Package ESD Protection
FMESD12C FUTUREWAFER-FMESD12C Datasheet
560Kb / 5P
   Small Package ESD Protection
FM3V3BD-15PF FUTUREWAFER-FM3V3BD-15PF Datasheet
603Kb / 4P
   Small Package ESD Protection
FM3V3UD-300PF FUTUREWAFER-FM3V3UD-300PF Datasheet
489Kb / 5P
   Small Package ESD Protection
FMESD05C-15PF FUTUREWAFER-FMESD05C-15PF Datasheet
650Kb / 5P
   Small Package ESD Protection
FESD12U FUTUREWAFER-FESD12U Datasheet
596Kb / 5P
   Small Package ESD Protection
FESD12U-50PF FUTUREWAFER-FESD12U-50PF Datasheet
596Kb / 5P
   Small Package ESD Protection
FMESD12C-20PF FUTUREWAFER-FMESD12C-20PF Datasheet
560Kb / 5P
   Small Package ESD Protection
FSD0325D FUTUREWAFER-FSD0325D Datasheet
1Mb / 7P
   Extra Small Package ESD Protection Device
FESD05HD-40PF FUTUREWAFER-FESD05HD-40PF Datasheet
767Kb / 4P
   High Power Small Package ESD Protection
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com