전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5400A1 데이터시트(PDF) 1 Page - Visual Communications Company

부품명 5400A1
상세설명  Simple and fast installation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VCC [Visual Communications Company]
홈페이지  http://vcclite.com
Logo VCC - Visual Communications Company

5400A1 데이터시트(HTML) 1 Page - Visual Communications Company

  5400A1 Datasheet HTML 1Page - Visual Communications Company 5400A1 Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
11/15 Rev 2
the first call for illuminated components
www.vcclite.com
1.800.522.5546
Installation Instructions
Product Specifications
Mounting Hole
Panel Thickness
Anode (+)
.312/.317”
(7.9/8.1mm)
.062 to .125”
(1.6 to 3.2 mm)
Wire Leads
24 AWG PVC (105oC)
4.4/4.8” long, stripped 430/.570”
Housing
Lens
Natural Nylon
Polycarbonate
Material
Red Lead
• Unique design in a two piece unit
• 5 mm colored polycarbonate lens
• 8 mm panel mounting LED Indicator
• Wide-angle viewing
• Discharge protection
• Low profile, damage-resistant lens
• Simple and fast installation
The panel mount LED indicator light consists of one lens and one body in lead wires terminations.
The fast installation is provided by inserting the lens into mounting hole in the front display panel
and snapping the housing assembly onto the lens from the rear.
Allows pre-wiring into the circuit and testing before installation.
Key Features
• Appliances
• Electro medical devices and systems
• People Movers
• Food Services and Industries
• Transportation and Infrastructures
• Industrial
Applications
5400 Series Ø 0.315" (8.0 mm)
Panel Mount LED Indicator
A unique design, the 5400 Series is a two-piece unit
consisting of a lens and the housing-LED assembly.
Simple, fast installation.
Available in 4 colors: Red, Amber, Green and Yellow.
Operating Temperature
-25 oC/+85 oC
-13 oF/+185 oF
Heat Shrink Tubing
Installation and Operating Specifications
Black, Polyolefin
VW-1 600V


유사한 부품 번호 - 5400A1

제조업체부품명데이터시트상세설명
logo
Chicago Miniature Lamp,...
5400A1 CML-5400A1 Datasheet
47Kb / 1P
   Panel Mounted LED Indicator
logo
Visual Communications C...
5400A1 VCC-5400A1 Datasheet
64Kb / 1P
   Panel Mounted LED Indicator
More results

유사한 설명 - 5400A1

제조업체부품명데이터시트상세설명
logo
Level One
FEP-1612 LVL1-FEP-1612 Datasheet
350Kb / 3P
   Simple Plug and Play installation
FSW-0513 LVL1-FSW-0513 Datasheet
657Kb / 3P
   Simple Plug and Play installation
logo
Cherry Semiconductor Co...
MW-2100 CHERRY-MW-2100 Datasheet
65Kb / 2P
   Simple installation
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
   Simple installation (mounting hardware and instructions included
logo
Sangdest Microelectroni...
RMB2S SMC-RMB2S Datasheet
183Kb / 5P
   Small size, simple installation
logo
Cooper Bussmann, Inc.
C0402C150J5GACAUTO COOPER-C0402C150J5GACAUTO Datasheet
3Mb / 148P
   Make Wire Connections Simple and Fast
C02-07 COOPER-C02-07 Datasheet
3Mb / 148P
   Make Wire Connections Simple and Fast
logo
Laird Tech Smart Techno...
OC24519 LSTD-OC24519 Datasheet
224Kb / 1P
   ASSEMBLY AND INSTALLATION
logo
Emerson Network Power
MITX-CORE-820 EMERSON-NETWORKPOWER-MITX-CORE-820 Datasheet
2Mb / 104P
   Installation and Use
August 2011
logo
PHOENIX CONTACT
2700906 PHOENIX-2700906 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com