전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L65DR24L 데이터시트(PDF) 4 Page - Visual Communications Company

부품명 L65DR24L
상세설명  Low power consumption
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VCC [Visual Communications Company]
홈페이지  http://vcclite.com
Logo VCC - Visual Communications Company

L65DR24L 데이터시트(HTML) 4 Page - Visual Communications Company

  L65DR24L Datasheet HTML 1Page - Visual Communications Company L65DR24L Datasheet HTML 2Page - Visual Communications Company L65DR24L Datasheet HTML 3Page - Visual Communications Company L65DR24L Datasheet HTML 4Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
07/16 Rev 1
the first call for illuminated components
www.vcclite.com
1.800.522.5546
4
Materials
Body
Base
Brass, Chromium Plated
Phenolic UL 94 V-1
Installation Specifications
Mounting
Hole
0.315”
(8.0 mm)
Panel
Thickness
0.019” to 0.196”
(0.5 to 5.0 mm)
Temperature Specifications
Operating
Temperature
Storage
Temperature
-25oC to +85oC
-13oF to +185oF
5.9 lbf-in
(6.8 kgf-cm)
Mounting
Torque (max)
-25oC to +85oC
-13oF to +185oF
VF
Part
Number
L65DG2L
L65DR2L
L65DY2L
L65DG12L
L65DR24L
L65DY24L
L65DR12L
L65DY12L
L65DG24L
Rated
Voltage
(V)
2
2
2
12
12
12
24
24
24
Compliances and Approvals
Product Specifications
typ.
max.
min.
8.5
10
8.5
20
20
20
2.8
1.7
1.7
11.5
12
11.5
24
24
24
3.2
1.9
2.1
-
-
-
25
25
-
3.8
2.4
2.6
I
F
(mA)
10
20
20
10
10
10
20
20
20
Viewing
Angle
(deg.)
45
45
30
30
30
30
30
30
30
Color
Luminous
Intensity
typ.
(mcd)
Wavelength
(nm)
Green
Red
Yellow
Green
Red
Yellow
Green
Red
Yellow
1500
400
20
30
15
8
10
20
1500
565-575
565-575
617-627
595-705
582-592
580-590
510-522
620-625
585-595
VR
(V)
max.
5
5
5
5
5
5
5
5
5
Leads
Ag/Cu plated Iron


유사한 부품 번호 - L65DR24L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6506 STMICROELECTRONICS-L6506 Datasheet
76Kb / 8P
   CURRENTCONTROLLER FOR STEPPING MOTORS
June 1997
L6506 STMICROELECTRONICS-L6506 Datasheet
477Kb / 8P
   CURRENT CONTROLLER FOR STEPPING MOTORS
L6506 STMICROELECTRONICS-L6506 Datasheet
511Kb / 8P
   CURRENT CONTROLLER FOR STEPPING MOTORS
L6506D STMICROELECTRONICS-L6506D Datasheet
76Kb / 8P
   CURRENTCONTROLLER FOR STEPPING MOTORS
June 1997
L6506D STMICROELECTRONICS-L6506D Datasheet
477Kb / 8P
   CURRENT CONTROLLER FOR STEPPING MOTORS
More results

유사한 설명 - L65DR24L

제조업체부품명데이터시트상세설명
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com