전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L78M18CDT 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 L78M18CDT
상세설명  POSITIVE VOLTAGE REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M18CDT 데이터시트(HTML) 3 Page - STMicroelectronics

  L78M18CDT Datasheet HTML 1Page - STMicroelectronics L78M18CDT Datasheet HTML 2Page - STMicroelectronics L78M18CDT Datasheet HTML 3Page - STMicroelectronics L78M18CDT Datasheet HTML 4Page - STMicroelectronics L78M18CDT Datasheet HTML 5Page - STMicroelectronics L78M18CDT Datasheet HTML 6Page - STMicroelectronics L78M18CDT Datasheet HTML 7Page - STMicroelectronics L78M18CDT Datasheet HTML 8Page - STMicroelectronics L78M18CDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
L78M00 SERIES
3/21
CONNECTION DIAGRAM (top view)
ORDERING CODES
(*) Available in Tape & Reel with the suffix "-TR".
APPLICATION CIRCUITS
TYPE
TO-220
TO-220FP
DPAK (*)
IPAK
OUTPUT
VOLTAGE
L78M05
L78M05CV
L78M05CP
L78M05CDT
L78M05CDT-1
5 V
L78M06
L78M06CV
L78M06CP
L78M06CDT
L78M06CDT-1
6 V
L78M08
L78M08CV
L78M08CP
L78M08CDT
L78M08CDT-1
8 V
L78M09
L78M09CV
L78M09CP
L78M09CDT
L78M09CDT-1
9 V
L78M10
L78M10CV
L78M10CP
L78M10CDT
L78M10CDT-1
10 V
L78M12
L78M12CV
L78M12CP
L78M12CDT
L78M12CDT-1
12 V
L78M15
L78M15CV
L78M15CP
L78M15CDT
L78M15CDT-1
15 V
L78M18
L78M18CV
L78M18CP
L78M18CDT
L78M18CDT-1
18 V
L78M20
L78M20CV
L78M20CP
L78M20CDT
L78M20CDT-1
20 V
L78M24
L78M24CV
L78M24CP
L78M24CDT
L78M24CDT-1
24 V
TO-220
TO-220FP
IPAK
DPAK


유사한 부품 번호 - L78M18CDT

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L78M18CDT STMICROELECTRONICS-L78M18CDT Datasheet
173Kb / 19P
   POSITIVE VOLTAGE REGULATORS
L78M18CDT-1 STMICROELECTRONICS-L78M18CDT-1 Datasheet
493Kb / 30P
   Positive voltage regulators
L78M18CDT-TR STMICROELECTRONICS-L78M18CDT-TR Datasheet
173Kb / 19P
   POSITIVE VOLTAGE REGULATORS
L78M18CDT-TR STMICROELECTRONICS-L78M18CDT-TR Datasheet
493Kb / 30P
   Positive voltage regulators
L78M18CDT-TR STMICROELECTRONICS-L78M18CDT-TR Datasheet
970Kb / 29P
   Positive voltage regulators
More results

유사한 설명 - L78M18CDT

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com