전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST70-30MF 데이터시트(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

부품명 ST70-30MF
상세설명  Power Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
홈페이지  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

ST70-30MF 데이터시트(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  ST70-30MF_17 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd ST70-30MF_17 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd ST70-30MF_17 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd ST70-30MF_17 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
On glass-epoxy substrate : t=1mm
Soldering land : 11×11mm
Cu layar :35μm
Tl-sensing point
過渡熱抵抗
Transient Thermal Resistance
10
100
0.001
0.01
0.1
Time t〔s〕
θj
θjll
θjl
θja
θja
θja
10-4 10-3
10-2
10-1
100
102
10
101
25
30
20
35
40
45
50
55
せん頭サージ逆電流−クランピング電圧
IRSM vs VCL
0.1
10
100
500
0.001
0.01
Clamping Voltage VCL〔V〕
Tl=25℃
10/1000μs
TYP
−25
−50
25
50
75 100 125 150
VBR-Tj特性
Breakdown Voltage vs Junction Temperature
30
40
25
35
20
Junction Temperature Tj〔℃〕
TYP
Pulse measurement
IB=1mA
25
75
50
100
125
150
-Tj特性
Reverse Current vs Junction Temperature
100
1000
5000
10
TYP
Pulse test
VR=26V
Junction Temperature Tj〔℃〕
せん頭サージ逆電流耐量
Peak Surge Reverse Current
0.1
10
TYP
exponential wave
100
1000
10
Pulse Width tp〔ms〕
IRSM
IRSM/2
tp
0


유사한 부품 번호 - ST70-30MF_17

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
ST70-30MF SHINDENGEN-ST70-30MF Datasheet
706Kb / 1P
   Power zener Diode
More results

유사한 설명 - ST70-30MF_17

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
ST04-14F1 SHINDENGEN-ST04-14F1_17 Datasheet
221Kb / 4P
   Power Zener Diode
ST04-27F1 SHINDENGEN-ST04-27F1_17 Datasheet
221Kb / 4P
   Power Zener Diode
ST60-48MF SHINDENGEN-ST60-48MF_17 Datasheet
215Kb / 4P
   Power Zener Diode
ST70-27M SHINDENGEN-ST70-27M_17 Datasheet
218Kb / 4P
   Power Zener Diode
ST80-14MF SHINDENGEN-ST80-14MF_17 Datasheet
217Kb / 4P
   Power Zener Diode
ST02-30G1 SHINDENGEN-ST02-30G1 Datasheet
873Kb / 1P
   Power zener Diode
ST02-43G1 SHINDENGEN-ST02-43G1 Datasheet
800Kb / 1P
   Power zener Diode
ST02-27G1 SHINDENGEN-ST02-27G1 Datasheet
797Kb / 1P
   Power zener Diode
ST02-36G1 SHINDENGEN-ST02-36G1 Datasheet
797Kb / 1P
   Power zener Diode
ST03-68F1 SHINDENGEN-ST03-68F1 Datasheet
692Kb / 1P
   Power zener Diode
ST04-14F1 SHINDENGEN-ST04-14F1 Datasheet
701Kb / 1P
   Power zener Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com