전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS13D0-CD297 데이터시트(PDF) 2 Page - Suntan Capacitors

부품명 TS13D0-CD297
상세설명  ALUMINUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNTAN [Suntan Capacitors]
홈페이지  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13D0-CD297 데이터시트(HTML) 2 Page - Suntan Capacitors

  TS13D0-CD297_17 Datasheet HTML 1Page - Suntan Capacitors TS13D0-CD297_17 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
TS13D CD297
 STANDARD RATINGS
10
16
25
35
50
63
80
100
WV
(V)
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Φ
DxL
(mm)
μ
F
Arms
μ
F
Arms
μ
F
Arms
μ
F
Arms
μ
F
Arms
μ
F
Arms
μ
F
Arms
μ
F
Arms
22x25
8200
1.36
5600
1.44
3900
1.31
2700
1.29
1500
1.21
1000
1.10
820
1.09
560
1.01
22x30
10000
1.65
6800
1.66
4700
1.55
3300
1.54
2200
1.52
1500
1.41
1000
1.29
680
1.19
22x35
12000
1.85
10000
2.08
5600
1.77
3900
1.77
2700
1.77
1800
1.62
1200
1.48
820
1.33
22x40
15000
2.12
12000
2.36
6800
2.02
4700
2.01
3300
2.02
2200
1.85
1500
1.70
1000
1.56
22x45
18000
2.40
15000
3.69
8200
2.27
5600
2.25
3900
2.27
2700
2.10
1800
1.91
1200
1.76
22x50
--
--
--
--
10000
2.56
6800
2.49
--
--
--
--
--
--
1500
2.00
25x25
12000
1.82
8200
1.67
5600
1.56
3900
1.55
2200
1.46
1500
1.38
1200
1.32
820
1.26
25x30
15000
2.11
10000
2.07
6800
1.88
4700
1.87
2700
1.76
1800
1.63
1500
1.74
1000
1.52
25x35
18000
2.32
12000
2.37
8200
2.18
5600
2.18
3900
2.20
2700
2.03
1800
1.86
1200
1.76
25x40
22000
2.59
15000
2.72
10000
2.53
6800
2.45
4700
2.43
3300
2.33
--
--
1500
2.03
25x45
27000
3.01
18000
3.06
12000
2.79
8200
2.80
5600
2.72
3900
2.58
2200
2.22
1800
2.29
25x50
33000
3.43
22000
3.39
--
--
--
--
--
--
--
--
--
--
--
--
30x25
15000
2.14
12000
2.13
8200
1.92
5600
1.80
3300
1.72
2200
1.66
1500
1.58
1000
1.47
30x30
22000
2.73
15000
2.54
10000
2.38
6800
2.28
3900
2.09
2700
2.01
2200
2.02
1200
1.76
30x35
27000
3.13
18000
3.02
12000
2.70
8200
2.69
5600
2.58
3900
2.46
2700
2.50
1800
.19
30x40
33000
3.53
22000
3.46
15000
3.13
10000
3.04
6800
3.01
4700
2.82
3300
2.69
2200
2.52
30x45
39000
3.78
27000
3.88
18000
3.52
12000
3.38
--
--
5600
3.22
3900
2.94
2700
2.86
30x50
47000
4.58
33000
4.33
22000
3.92
--
--
8200
3.63
--
--
--
--
--
--
35x30
27000
3.05
18000
3.09
12000
2.76
10000
2.78
5600
2.35
3900
2.31
2700
2.18
1800
2.05
35x35
33000
3.49
27000
3.85
18000
3.50
12000
3.30
6800
2.91
4700
2.77
3300
2.60
2200
2.48
35x40
39000
3.96
33000
4.33
22000
3.95
15000
3.88
8200
3.36
5600
3.20
3900
3.00
2700
2.87
35x45
47000
3.60
39000
4.96
--
--
18000
4.40
10000
3.79
6800
3.61
4700
3.44
3300
3.25
35x50
56000
5.06
47000
5.49
27000
4.72
--
--
12000
4.06
8200
3.94
5600
3.72
3900
3.56
160
180
200
250
315
350
400
450
WV
(V)
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Φ
DxL
(mm)
μ
F
Arms
μ
F
Arms
μ
F
Arms
μ
F
Arms
μ
F
Arms
μ
F
Arms
μ
F
Arms
μ
F
Arms
22x25
220
0.63
220
0.63
180
0.57
150
0.52
68
0.32
68
0.34
--
--
--
--
22x30
270
0.76
270
0.76
220
0.70
180
0.64
82
0.38
82
0.40
68
0.38
68
0.38
22x35
330
0.90
330
0.90
270
0.83
220
0.76
120
0.48
120
0.52
100
0.46
82
0.44
22x40
470
1.11
390
1.03
330
0.96
270
0.88
150
0.56
150
0.59
120
0.53
100
0.50
22x45
560
0.26
470
1.17
470
1.17
330
1.01
180
0.63
180
0.68
--
--
--
--
22x50
680
1.44
560
1.32
--
--
390
1.13
220
0.72
220
0.78
150
0.63
120
0.58
25x25
330
0.84
270
0.76
270
0.76
180
0.62
100
0.41
100
0.47
82
0.41
--
--
25x30
390
0.97
330
0.90
330
0.90
220
0.76
120
0.49
120
0.53
100
0.48
82
0.45
25x35
470
1.14
390
1.06
390
1.06
270
0.90
180
0.62
150
0.0
120
0.55
100
0.52
25x40
680
1.43
560
1.32
470
1.22
390
1.13
220
0.71
180
0.70
150
0.65
120
0.58
25x45
820
1.63
680
1.51
560
1.39
470
1.29
270
0.81
220
0.82
180
0.72
150
0.66
25x50
--
--
820
1.71
680
1.58
560
1.45
330
0.92
270
0.94
220
0.79
180
0.74
30x25
390
1.00
390
1.02
390
1.02
270
0.85
150
0.51
120
0.53
100
0.48
82
0.46
30x30
470
1.17
470
1.17
470
1.17
330
1.00
180
0.63
180
0.71
120
0.56
120
0.58
30x35
680
1.50
560
1.33
560
1.38
470
1.15
220
0.74
220
0.82
180
0.74
150
0.68
30x40
820
1.66
820
1.74
680
1.61
560
1.48
270
0.85
270
0.93
220
0.85
180
0.77
30x45
1000
1.89
1000
2.01
820
1.85
680
1.71
390
1.04
330
1.05
270
0.98
220
0.88
30x50
1200
2.16
1200
2.25
1000
2.11
820
1.94
470
1.15
390
1.18
330
1.12
270
0.99
35x30
820
1.63
680
1.49
680
1.49
470
1.24
270
0.75
270
0.90
220
0.889
180
0.77
35x35
1000
1.89
820
1.75
820
1.75
560
1.49
330
0.90
330
1.01
270
0.96
220
0.88
35x40
1200
2.23
1000
2.07
1000
2.07
680
1.74
390
1.05
390
1.13
330
1.12
270
1.01
35x45
1500
2.61
1200
2.23
1200
2.38
1000
2.20
470
1.18
470
1.26
390
1.27
330
1.15
35x50
1800
2.97
1500
2.76
1500
2.76
--
--
560
1.34
560
1.39
470
1.33
390
1.28
Ripple current: 150℃, 120Hz
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


유사한 부품 번호 - TS13D0-CD297_17

제조업체부품명데이터시트상세설명
logo
Suntan Capacitors
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

유사한 설명 - TS13D0-CD297_17

제조업체부품명데이터시트상세설명
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com