전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS13DX-CD135 데이터시트(PDF) 1 Page - Suntan Capacitors

부품명 TS13DX-CD135
상세설명  ALUMINUM ELECTROLYTIC CAPACITOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNTAN [Suntan Capacitors]
홈페이지  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DX-CD135 데이터시트(HTML) 1 Page - Suntan Capacitors

  TS13DX-CD135_17 Datasheet HTML 1Page - Suntan Capacitors TS13DX-CD135_17 Datasheet HTML 2Page - Suntan Capacitors TS13DX-CD135_17 Datasheet HTML 3Page - Suntan Capacitors TS13DX-CD135_17 Datasheet HTML 4Page - Suntan Capacitors TS13DX-CD135_17 Datasheet HTML 5Page - Suntan Capacitors TS13DX-CD135_17 Datasheet HTML 6Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
G E N E R A L , M I N I A T U R I Z E D
TS13D CD135
F E A T U R E S
Load life of 2000 hours at 85℃
Size may be selected
High ripple current
Used for computers, communication powers and inverters
 Specifications
ITEMS PERFORMANCE
CHARACTERISTICS
Operating Temperature Range(℃)
-40~+85 (315WV, -25~+85)
Capacitance Tolerance(25℃,120Hz)
±20
%
Leakage Current(μA)
0.02CV or 5mA, whichever is smaller. (at 25℃, after 5 minutes)
C: Nominal capacitance (μF) V: Rated voltage (V)
Dissipation Factor
See Standard Ratings Table
Load Life (+85℃)
Time
2000hours
Leakage Current
Not more than the specified value.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value.
Shelf Life (+85℃)
Time
1000hours
Leakage Current
Not more than the specified value.
Capacitance Change
Within ±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value.
After Test: UR to be applied for 60 minutes, 24 to 48 hours before measurement
 Dimensions
Φ
D
35
51
63.5
78
89
F
13
22
28
32
32
Φ
D
36
51~90
Φ
d
8.0
10.0
 Case code
mm
 Multiplier for ripple current
L
Φ
D
580
63
72
80
90
100
115
120
130
140
160
35
A5
A6
A7
A8
A9
A10
A11
A12
---
---
---
51
---
C6
C7
C8
C9
C10
C11
C12
C13
---
---
63.5
---
---
D7
D8
D9
D10
D11
D12
D13
D14
---
76
---
---
---
E8
E9
E10
E11
E12
E13
E14
E16
89
---
---
---
F8
F9
F10
F11
F12
F13
F14
F16
Frequency coefficient
Freq
(V
uency(Hz)
Rated Voltage
)
50
120
300
1K
3K
5K
10K
20K
10~50
0.95
1
1.04
1.10
1.12
1.13
1.15
1.15
63~100
0.95
1
1.06
1.16
1.20
1.25
1.30
1.363
160~200
0.90
1
1.10
1.20
1.35
1.40
1.50
1.55
250~450
0.80
1
1.10
1.20
1.35
1.40
1.50
1.55
Temperature coefficient
Temperature(℃)
Rated Voltage(V)
+40
+55
+70
+85
10~100
2.1
1.8
1.5
1
160~450
2.6
2.2
1.7
1
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


유사한 부품 번호 - TS13DX-CD135_17

제조업체부품명데이터시트상세설명
logo
Suntan Capacitors
TS13DX-CD135 SUNTAN-TS13DX-CD135 Datasheet
285Kb / 6P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

유사한 설명 - TS13DX-CD135_17

제조업체부품명데이터시트상세설명
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com