전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9051BRSZ 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD9051BRSZ
상세설명  A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9051BRSZ 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD9051BRSZ Datasheet HTML 4Page - Analog Devices AD9051BRSZ Datasheet HTML 5Page - Analog Devices AD9051BRSZ Datasheet HTML 6Page - Analog Devices AD9051BRSZ Datasheet HTML 7Page - Analog Devices AD9051BRSZ Datasheet HTML 8Page - Analog Devices AD9051BRSZ Datasheet HTML 9Page - Analog Devices AD9051BRSZ Datasheet HTML 10Page - Analog Devices AD9051BRSZ Datasheet HTML 11Page - Analog Devices AD9051BRSZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV.
AD9051
–8–
ENCODE – MSPS
1.2
0
0
60
10
20
30
40
50
1.0
0.8
0.6
0.4
0.2
TPC 13. Gain vs. Clock Rate
ENCODE – MSPS
16
0
0
60
10
20
30
40
50
14
12
10
8
6
4
2
TPC 14. Offset vs. Clock Rate
DUTY CYCLE – %
60
40
25
55
30
35
40
45
50
58
56
54
52
50
48
46
60
65
70
75
44
42
SNR @ 40MSPS
SNR @ 60MSPS
TPC 15. SNR vs. Duty Cycle
TEMPERATURE – C
6.5
–40
5
4
65
3V FALLING
4.5
45
25
0
–20
3V RISING
85
6
5.5
5V FALLING
5V RISING
TPC 16. tPD vs. Temperature 3 V/5 V
SOURCE CURRENT – mA
2.51
2.50
2.44
2.42
2.45
2.43
2.46
VOUT
2.47
2.48
2.49
0.1 0.25 0.4 0.55 0.7 0.85 1
1.15 1.3 1.45 1.6 1.75 1.9 2.0
TPC 17. Reference Load Regulation
CODE
80
20
0
30
10
40
50
60
70
512
513
514
515
516
517
518
TPC 18. Midscale Histogram (Inputs Tied)
C


유사한 부품 번호 - AD9051BRSZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
AD9051BRSZ-2V AD-AD9051BRSZ-2V Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
AD9051BRSZRL AD-AD9051BRSZRL Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
AD9051BRSZRL-2V AD-AD9051BRSZRL-2V Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
More results

유사한 설명 - AD9051BRSZ

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
logo
Nippon Precision Circui...
SM5874AM NPC-SM5874AM Datasheet
175Kb / 18P
   D/A Converter
logo
Analog Devices
AD9203 AD-AD9203_17 Datasheet
1Mb / 29P
   A/D Converter
logo
Nippon Precision Circui...
SM5865AM NPC-SM5865AM Datasheet
130Kb / 17P
   D/A Converter
logo
Asahi Kasei Microsystem...
AKD4620B-B AKM-AKD4620B-B_06 Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
AKD4556-B AKM-AKD4556-B Datasheet
746Kb / 45P
   24Bit A/D & D/A converter.
AKD4528 AKM-AKD4528_05 Datasheet
373Kb / 45P
   24Bit A/D & D/A converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com