전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G06DCKT 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G06DCKT
상세설명  Low-Power Single Inverter With Open-Drain Outputs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G06DCKT 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G06DCKT Datasheet HTML 2Page - Texas Instruments SN74AUP1G06DCKT Datasheet HTML 3Page - Texas Instruments SN74AUP1G06DCKT Datasheet HTML 4Page - Texas Instruments SN74AUP1G06DCKT Datasheet HTML 5Page - Texas Instruments SN74AUP1G06DCKT Datasheet HTML 6Page - Texas Instruments SN74AUP1G06DCKT Datasheet HTML 7Page - Texas Instruments SN74AUP1G06DCKT Datasheet HTML 8Page - Texas Instruments SN74AUP1G06DCKT Datasheet HTML 9Page - Texas Instruments SN74AUP1G06DCKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
SN74AUP1G06
SCES590E – JULY 2004 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: SN74AUP1G06
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
6.6 Switching Characteristics, CL = 5 pF
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
A
Y
VCC = 0.8 V
TA = 25°C
12.4
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
2.7
12
9.9
TA = –40°C to +85°C
2
12.8
VCC = 1.5 V ± 0.1 V
TA = 25°C
2.1
3.5
6.2
TA = –40°C to +85°C
1.5
7.6
VCC = 1.8 V ± 0.15 V
TA = 25°C
2.1
3.1
4.7
TA = –40°C to +85°C
1.2
5.9
VCC = 2.5 V ± 0.2 V
TA = 25°C
1.4
2.2
3.2
TA = –40°C to +85°C
1
3.9
VCC = 3.3 V ± 0.3 V
TA = 25°C
1.3
2.2
3.3
TA = –40°C to +85°C
0.8
3.6
6.7 Switching Characteristics, CL = 10 pF
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
A
Y
VCC = 0.8 V
TA = 25°C
15.1
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
3.6
12
11.2
TA = –40°C to +85°C
2.7
14.1
VCC = 1.5 V ± 0.1 V
TA = 25°C
2.9
4.3
7
TA = –40°C to +85°C
2.2
8.6
VCC = 1.8 V ± 0.15 V
TA = 25°C
2.7
3.9
5.4
TA = –40°C to +85°C
1.8
6.7
VCC = 2.5 V ± 0.2 V
TA = 25°C
2.1
2.9
3.8
TA = –40°C to +85°C
1.4
4.5
VCC = 3.3 V ± 0.3 V
TA = 25°C
1.7
3
4.5
TA = –40°C to +85°C
1.2
4.9
6.8 Switching Characteristics, CL = 15 pF
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
A
Y
VCC = 0.8 V
TA = 25°C
17.4
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
4.9
12
12.2
TA = –40°C to +85°C
3.4
15.2
VCC = 1.5 V ± 0.1 V
TA = 25°C
3.5
5
7.7
TA = –40°C to +85°C
2.7
9.4
VCC = 1.8 V ± 0.15 V
TA = 25°C
3.2
4.8
6.6
TA = –40°C to +85°C
2.2
7.3
VCC = 2.5 V ± 0.2 V
TA = 25°C
2.5
3.5
4.5
TA = –40°C to +85°C
1.7
5.1
VCC = 3.3 V ± 0.3 V
TA = 25°C
2
3.8
6
TA = –40°C to +85°C
1.5
6.5


유사한 부품 번호 - SN74AUP1G06DCKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G06DCKT TI-SN74AUP1G06DCKT Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DCKT TI-SN74AUP1G06DCKT Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DCKT TI1-SN74AUP1G06DCKT Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DCKT TI1-SN74AUP1G06DCKT Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
SN74AUP1G06DCKTE4 TI-SN74AUP1G06DCKTE4 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

유사한 설명 - SN74AUP1G06DCKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_18 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_12 Datasheet
107Kb / 6P
   Single Inverter with Open Drain Outputs
April, 2012 ??Rev. 7
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
   Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
NL17SZ06 ONSEMI-NL17SZ06_15 Datasheet
77Kb / 6P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 9
NL17SZ06 ONSEMI-NL17SZ06 Datasheet
60Kb / 6P
   Single Inverter with Open Drain Outputs
January, 2005 ??Rev. 3
logo
Unisonic Technologies
U74HC1G06 UTC-U74HC1G06 Datasheet
179Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_18 Datasheet
190Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 10
NL17SZ05 ONSEMI-NL17SZ05_18 Datasheet
186Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 0
NLV17SZ06 ONSEMI-NLV17SZ06 Datasheet
71Kb / 5P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 0
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com