전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLA2024IRUGT 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TLA2024IRUGT
상세설명  Cost-Optimized, Ultra-Small, 12-Bit, System-Monitoring ADCs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLA2024IRUGT 데이터시트(HTML) 3 Page - Texas Instruments

  TLA2024IRUGT Datasheet HTML 1Page - Texas Instruments TLA2024IRUGT Datasheet HTML 2Page - Texas Instruments TLA2024IRUGT Datasheet HTML 3Page - Texas Instruments TLA2024IRUGT Datasheet HTML 4Page - Texas Instruments TLA2024IRUGT Datasheet HTML 5Page - Texas Instruments TLA2024IRUGT Datasheet HTML 6Page - Texas Instruments TLA2024IRUGT Datasheet HTML 7Page - Texas Instruments TLA2024IRUGT Datasheet HTML 8Page - Texas Instruments TLA2024IRUGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
ADDR
2
NC
3
GND
4
AIN0
6
AIN2
7
AIN3
8
VDD
9
SDA
Not to scale
1
ADDR
2
NC
3
GND
4
AIN0
6
NC
7
NC
8
VDD
9
SDA
Not to scale
3
TLA2021, TLA2022, TLA2024
www.ti.com
SBAS846 – NOVEMBER 2017
Product Folder Links: TLA2021 TLA2022 TLA2024
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
RESOLUTION
(Bits)
MAXIMUM SAMPLE
RATE
(SPS)
INPUT CHANNELS,
DIFFERENTIAL
(Single-Ended)
PGA
INTERFACE
TLA2021
12
3300
1 (1)
No
I2C
TLA2022
12
3300
1 (1)
Yes
I2C
TLA2024
12
3300
2 (4)
Yes
I2C
6 Pin Configuration and Functions
TLA2021 and TLA2022 RUG Package
10-Pin X2QFN
Top View
TLA2024 RUG Package
10-Pin X2QFN
Top View
(1)
Float unused analog inputs, or tie unused analog inputs to GND.
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
TLA2021,
TLA2022
TLA2024
ADDR
1
1
Digital input
I2C slave address select pin. See the I2C Address Selection section for details.
AIN0
4
4
Analog input
Analog input 0(1)
AIN1
5
5
Analog input
Analog input 1(1)
AIN2
6
Analog input
Analog input 2(1)
AIN3
7
Analog input
Analog input 3(1)
GND
3
3
Supply
Ground
NC
2, 6, 7
2
No connect; always leave floating
SCL
10
10
Digital input
Serial clock input. Connect to VDD using a pullup resistor.
SDA
9
9
Digital I/O
Serial data input and output. Connect to VDD using a pullup resistor.
VDD
8
8
Supply
Power supply. Connect a 0.1-µF, power-supply decoupling capacitor to GND.


유사한 부품 번호 - TLA2024IRUGT

제조업체부품명데이터시트상세설명
logo
Filtran LTD
TLA2276 FILTRAN-TLA2276 Datasheet
51Kb / 1P
   Audio Hybrid Transformer
logo
Texas Instruments
TLA2518 TI1-TLA2518 Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2518IRTER TI1-TLA2518IRTER Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2518IRTET TI1-TLA2518IRTET Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
More results

유사한 설명 - TLA2024IRUGT

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX11612 MAXIM-MAX11612_11 Datasheet
310Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 12-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Maxim Integrated Produc...
MAX11606 MAXIM-MAX11606_11 Datasheet
387Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
MAX11606 MAXIM-MAX11606_V01 Datasheet
964Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
logo
Analog Devices
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
logo
Linear Technology
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
logo
API Technologies Corp
HS5210 APITECH-HS5210 Datasheet
2Mb / 3P
   12-Bit Adjustment Free ADCs
logo
Linear Technology
LTC2220 LINER-LTC2220 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com