전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLA2024IRUGT 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TLA2024IRUGT
상세설명  Cost-Optimized, Ultra-Small, 12-Bit, System-Monitoring ADCs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLA2024IRUGT 데이터시트(HTML) 5 Page - Texas Instruments

  TLA2024IRUGT Datasheet HTML 1Page - Texas Instruments TLA2024IRUGT Datasheet HTML 2Page - Texas Instruments TLA2024IRUGT Datasheet HTML 3Page - Texas Instruments TLA2024IRUGT Datasheet HTML 4Page - Texas Instruments TLA2024IRUGT Datasheet HTML 5Page - Texas Instruments TLA2024IRUGT Datasheet HTML 6Page - Texas Instruments TLA2024IRUGT Datasheet HTML 7Page - Texas Instruments TLA2024IRUGT Datasheet HTML 8Page - Texas Instruments TLA2024IRUGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
TLA2021, TLA2022, TLA2024
www.ti.com
SBAS846 – NOVEMBER 2017
Product Folder Links: TLA2021 TLA2022 TLA2024
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
This parameter expresses the full-scale range of the ADC scaling. No more than VDD + 0.3 V or 5.5 V (whichever is smaller) must be
applied to this device. See the Full-Scale Range (FSR) and LSB Size section for more information.
(2)
Best-fit INL; covers 99% of full-scale.
(3)
Includes all errors from onboard PGA and voltage reference.
7.5 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +85°C; typical specifications are at TA = 25°C; all
specifications are at VDD = 3.3 V, data rate = 128 SPS, and FSR = ±2.048 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Common-mode input impedance
FSR = ±6.144 V(1)
10
FSR = ±4.096 V(1), FSR = ±2.048 V
6
FSR = ±1.024 V
3
FSR = ±0.512 V, FSR = ±0.256 V
100
Differential input impedance
FSR = ±6.144 V(1)
22
FSR = ±4.096 V(1)
15
FSR = ±2.048 V
4.9
FSR = ±1.024 V
2.4
FSR = ±0.512 V, ±0.256 V
710
SYSTEM PERFORMANCE
Resolution (no missing codes)
12
Bits
DR
Data rate
128, 250, 490, 920, 1600, 2400, 3300
SPS
Data rate variation
All data rates
–10%
10%
INL
Integral nonlinearity(2)
1
LSB
Offset error
±1
LSB
Offset drift
0.01
LSB/°C
Gain error(3)
0.05%
Gain drift(3)
10
ppm/°C
PSRR
Power-supply rejection ratio
85
dB
CMRR
Common-mode rejection ratio
90
dB
DIGITAL INPUT/OUTPUT
VIL
Logic input level, low
GND
0.3 VDD
V
VIH
Logic input level, high
0.7 VDD
5.5
V
VOL
Logic output level, low
IOL = 3 mA
GND
0.15
0.4
V
Input leakage current
GND < VDigital Input < VDD
–10
10
µA
POWER SUPPLY
IVDD
Supply current
Power-down
0.5
µA
Operating
150
PD
Power dissipation
VDD = 5 V
0.9
mW
VDD = 3.3 V
0.5
VDD = 2 V
0.3


유사한 부품 번호 - TLA2024IRUGT

제조업체부품명데이터시트상세설명
logo
Filtran LTD
TLA2276 FILTRAN-TLA2276 Datasheet
51Kb / 1P
   Audio Hybrid Transformer
logo
Texas Instruments
TLA2518 TI1-TLA2518 Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2518IRTER TI1-TLA2518IRTER Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2518IRTET TI1-TLA2518IRTET Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
More results

유사한 설명 - TLA2024IRUGT

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX11612 MAXIM-MAX11612_11 Datasheet
310Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 12-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Maxim Integrated Produc...
MAX11606 MAXIM-MAX11606_11 Datasheet
387Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
MAX11606 MAXIM-MAX11606_V01 Datasheet
964Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
logo
Analog Devices
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
logo
Linear Technology
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
logo
API Technologies Corp
HS5210 APITECH-HS5210 Datasheet
2Mb / 3P
   12-Bit Adjustment Free ADCs
logo
Linear Technology
LTC2220 LINER-LTC2220 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com