전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBJ10CA 데이터시트(PDF) 1 Page - Suntan Capacitors

부품명 SMBJ10CA
상세설명  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNTAN [Suntan Capacitors]
홈페이지  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

SMBJ10CA 데이터시트(HTML) 1 Page - Suntan Capacitors

  SMBJ10CA Datasheet HTML 1Page - Suntan Capacitors SMBJ10CA Datasheet HTML 2Page - Suntan Capacitors SMBJ10CA Datasheet HTML 3Page - Suntan Capacitors SMBJ10CA Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Suntan® Su®
SMBJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE - 5.0 TO 440 Volts, 600 Watt Peak Pulse Power
F E A T U R E S
◆For surface mounted applications in order to optimize board space
◆Low profile package , Built-in strain relief
◆Glass passivated junction, Low inductance
◆Excellent clamping capability. Repetition Rate (duty cycle):0.01%
◆Fast response time:typically less than 1.0ps from 0 Volts to BV for
unidirectional types
◆High temperature soldering: 250°C/10 seconds at terminals
◆Plastic package has Underwriters Laboratory Flammability 94V-O
◆Pb-free plated
Mechanical Data
◆Case: JEDEC DO214AA. Molded plastic over glass passivated Junction
◆Terminal: Solder plated, solderable per MIL-STD-750, Method 2026
◆Polarity: Color band denoted positive end (cathode) except Bidirectional
◆Standard Packaging: 12mm tape (EIA STD RS-481)
◆Weight: 0.003 ounce, 0.093gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on 10/1000Ӵs waveform (Note 1,2 ,FIG.1)
PPPM
Min.600
Watts
Peak Pulse Current of on 10/1000Ӵs waveform (Note 1,FIG.3)
IPPM
TABLE 1
Amps
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note2,3)
IFSM
100
Amps
Operating junction and Storage Temperature Range
TJ , TSTG
-55 to + 150
°C
Note:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25к per Fig. 2.
2. Mounted on 5.0mm2 (0.03mm thick) Copper Pads to each terminal
3.8.3ms single half sine-wave, or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
SMB (DO-214AA)
Dimensions in inches and (millimeters)


유사한 부품 번호 - SMBJ10CA

제조업체부품명데이터시트상세설명
logo
Socay Electornics Co., ...
SMBJ10CA SOCAY-SMBJ10CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Bytes
SMBJ10CA BYTES-SMBJ10CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SMBJ10CA UNSEMI-SMBJ10CA Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
MDE Semiconductor, Inc.
SMBJ10CA MDE-SMBJ10CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
SMBJ10CA HUAXINAN-SMBJ10CA Datasheet
450Kb / 6P
   Transient Voltage Suppressors
More results

유사한 설명 - SMBJ10CA

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com