전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1419 데이터시트(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 2SD1419
상세설명  NPN Silicon epitaxial Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

2SD1419 데이터시트(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  2SD1419 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 2SD1419 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN Silicon epitaxial Transistor
2SD1419
Features
Low frequency power amplifier
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
120
V
Collector to emitter voltage
VCEO
100
V
Emitter to base voltage
VEBO
5V
Collector current
IC
1A
Collector peak current
iC(peak)*1
2
A
Collector power dissipation
PC*2
1
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55 to 150
*1 PW
10ms, duty cycle
20%
*2 Value on the alumina ceramic board (12.5 X 20 X 0.7 mm)
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


유사한 부품 번호 - 2SD1419

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1419 HITACHI-2SD1419 Datasheet
25Kb / 5P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SD1419 RENESAS-2SD1419 Datasheet
98Kb / 6P
   Silicon NPN Epitaxial
logo
Guangdong Kexin Industr...
2SD1419 KEXIN-2SD1419 Datasheet
52Kb / 2P
   NPN Silicon epitaxial Transistor
2SD1419-D KEXIN-2SD1419-D Datasheet
920Kb / 3P
   NPN Transistors
2SD1419-E KEXIN-2SD1419-E Datasheet
920Kb / 3P
   NPN Transistors
More results

유사한 설명 - 2SD1419

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com