전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC58FVM5B2AFT65 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TC58FVM5B2AFT65
상세설명  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVM5B2AFT65 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TC58FVM5B2AFT65 Datasheet HTML 3Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 4Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
TC58FVM5(T/B)(2/3)A(FT/XB)65
2003-01-29 7/63
SIMULTANEOUS READ/WRITE OPERATION
The TC58FVM5T2A/B2A/T3A/B3A features a Simultaneous Read/Write operation. The Simultaneous Read/Write
operation enables the device to simultaneously write data to or erase data from a bank while reading data from
another bank.
The TC58FVM5T2A/B2A/T3A/B3A has a total of four banks (4Mbits: 12Mbits: 12Mbits: 4Mbits ). Banks can be
switched between using the bank addresses (A20~A18). For a description of bank blocks and addresses, please refer
to the Block Address Table and Block Size Table.
The Simultaneous Read/Write operation cannot perform multiple operations within a single bank. The table
below shows the operation modes in which simultaneous operation can be performed.
Note that during Auto-Program execution or Auto Block Erase operation, the Simultaneous Read/Write operation
cannot read data from addresses in the same bank which have not been selected for operation. Data from these
addresses can be read using the Program Suspend or Erase Suspend function, however.
SIMULTANEOUS READ/WRITE OPERATION
STATUS OF BANK ON WHICH OPERATION IS BEING
PERFORMED
STATUS OF OTHER BANKS
Read Mode
ID Read Mode
(1)
Auto-Program Mode
Auto-Page Program Mode
Fast Program Mode
(2)
Program Suspend Mode
Auto Block Erase Mode
Auto Multiple Block Erase Mode
(3)
Erase Suspend Mode
Program during Erase Suspend
Program Suspend during Erase Suspend
CFI Mode
Read Mode
(1) Only Command Mode is valid.
(2) Including times when Acceleration Mode is in use.
(3) If the selected blocks are spread across all four banks, simultaneous operation cannot be carried out.
OPERATION MODES
In addition to the Read, Write and Erase Modes, the TC58FVM5T2A/B2A/T3A/B3A features many functions
including block protection and data polling. When incorporating the device into a deign, please refer to the timing
charts and flowcharts in combination with the description below.
READ MODE (PAGE READ)
To read data from the memory cell array, set the device to Read Mode. In Read Mode the device can perform
high-speed random access and Page Read as asynchronous ROM.
The device is automatically set to Read Mode immediately after power-on or on completion of automatic
operation. A software reset releases ID Read Mode and the lock state which the device enters if automatic
operation ends abnormally, and sets the device to Read Mode. A hardware reset terminates operation of the
device and resets it to Read Mode. When reading data without changing the address immediately after
power-on, either input a hardware Reset or change CE from H to L.


유사한 부품 번호 - TC58FVM5B2AFT65

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58FVM62A TOSHIBA-TC58FVM62A Datasheet
754Kb / 61P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2A TOSHIBA-TC58FVM6B2A Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2AFT65 TOSHIBA-TC58FVM6B2AFT65 Datasheet
754Kb / 61P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2AXB65 TOSHIBA-TC58FVM6B2AXB65 Datasheet
754Kb / 61P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

유사한 설명 - TC58FVM5B2AFT65

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com