전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMEPR16-4229Z 데이터시트(PDF) 1 Page - AIMTEC

부품명 AMEPR16-4229Z
상세설명  up to 360mA | AC-DC LED driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR16-4229Z 데이터시트(HTML) 1 Page - AIMTEC

  AMEPR16-4229Z Datasheet HTML 1Page - AIMTEC AMEPR16-4229Z Datasheet HTML 2Page - AIMTEC AMEPR16-4229Z Datasheet HTML 3Page - AIMTEC AMEPR16-4229Z Datasheet HTML 4Page - AIMTEC AMEPR16-4229Z Datasheet HTML 5Page - AIMTEC AMEPR16-4229Z Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series AMEPR16-Z
up to 360mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R2
1 of 6
North America only
FEATURES:
Models
Single output
Model
Max Output
Power
(W)
Output Voltage
Range
(V)
Output Current
(mA)
Input Voltage
(VAC/Hz)
Efficiency
(%)
AMEPR16-4229Z
12
24-42
290
90-264/47-63
87
AMEPR16-5829Z
17
40-58
290
90-264/47-63
88
AMEPR16-4236Z
15
30-42
360
90-264/47-63
87
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity <75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Input Current
90 VAC, full load
0.24
Arms
Inrush current <2ms
115 VAC, cold start
20
A
230 VAC, cold start
40
Leakage current
0.75
mA
Input dissipation
No Load
1
W
Output Short
2
W
Power Factor
115 VAC, full load
0.95
230 VAC, full load
0.90
Input Fuse
1A/250V
Start-up Time
115 VAC, full load
2.0
Sec.
230 VAC, full load
1.0
Sec.
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±5
%
Line regulation
LL to HL
±3
%
Load regulation
Full Output Voltage Range
±3
%
Ripple & Noise
1650
mV p-p
Output Current Ripple
Full load, 16.7-20ms duration
850
mA p-p
Current Overshoot
LL to HL, full load at cold start, % of rated output current
10
%
Hold-up time (min)
0
ms
Minimum Load Voltage
See Models Table Above
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
IEC61347
3750
VAC
Isolation Resistance
500Vdc
>100MΩ
VAC
Isolation Capacitance
100
pF
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
135
KHz
Over voltage protection
AMEPR16-4229Z, AMEPR16-4236Z
50
V
AMEPR16-5829Z
63
V
Short circuit protection
Continuous, Hiccup Mode
• Accurate Constant Current Output ±5%
• Class 2 Power Unit
• High Efficiency: Up to 88%
• Long Life, High reliability
• Active Power Factor Correction
• IP20, Suitable for Indoor LED Lighting
• Short Circuit / Open Circuit Protection
• 3 Years Limited Warranty


유사한 부품 번호 - AMEPR16-4229Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AMEPR16-4229Z AIMTEC-AMEPR16-4229Z Datasheet
558Kb / 6P
   AC-DC LED driver
More results

유사한 설명 - AMEPR16-4229Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMER120C-Z AIMTEC-AMER120C-Z Datasheet
909Kb / 6P
   up to 1700mA | AC-DC LED driver
AMER60N-Z AIMTEC-AMER60N-Z Datasheet
841Kb / 6P
   up to 1600mA | AC-DC LED driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
AMEPR50N-Z AIMTEC-AMEPR50N-Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com