전자부품 데이터시트 검색엔진 |
|
VSE180-2P41132 데이터시트(PDF) 2 Page - SICK AG |
|
VSE180-2P41132 데이터시트(HTML) 2 Page - SICK AG |
2 / 8 page A B C D E F H I J K L M N O P Q R S T VSE180-2P41132 | V180-2 PHOTOELECTRIC SENSORS Illustration may differ Ordering information Type Part no. VSE180-2P41132 6041822 Other models and accessories www.sick.com/V180-2 Detailed technical data Features Sensor/ detection principle Through-beam photoelectric sensor Housing design (light emission) Cylindrical, straight Housing length 62.5 mm Thread diameter (housing) M18 x 1 Optical axis Axial Sensing range max. 0 m ... 28 m Sensing range 0 m ... 20 m Type of light Visible red light Light source LED 1) Light spot size (distance) Ø 1,100 mm (20 m) Angle of dispersion Approx. 5° Wave length 645 nm Adjustment Potentiometer, 270° (Sensitivity) 2) 1) Average service life: 100,000 h at TU = +25 °C. 2) Receiver. Communication interface Communication interface - Mechanics/electronics Supply voltage 10 V DC ... 30 V DC 1) 1) Limit values when operated in short-circuit protected network: max. 8 A. 2) May not exceed or fall below Uv tolerances. 3) Without load. 4) Control wire open: dark switching D.ON. 5) Signal transit time with resistive load. 6) With light/dark ratio 1:1. 7) Do not bend below 0 °C. 8) A = VS connections reverse-polarity protected. 9) B = inputs and output reverse-polarity protected. 10) D = outputs overcurrent and short-circuit protected. 2 PHOTOELECTRIC SENSORS | SICK Online data sheet | 2017-11-09 17:58:45 Subject to change without notice |
유사한 부품 번호 - VSE180-2P41132 |
|
유사한 설명 - VSE180-2P41132 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |